Electronic Components Datasheet Search
  English  ▼

X  

IO249NPB6V1 Datasheet(PDF) 74 Page - Microsemi Corporation

Part # IO249NPB6V1
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO249NPB6V1 Datasheet(HTML) 74 Page - Microsemi Corporation

Back Button IO249NPB6V1 Datasheet HTML 70Page - Microsemi Corporation IO249NPB6V1 Datasheet HTML 71Page - Microsemi Corporation IO249NPB6V1 Datasheet HTML 72Page - Microsemi Corporation IO249NPB6V1 Datasheet HTML 73Page - Microsemi Corporation IO249NPB6V1 Datasheet HTML 74Page - Microsemi Corporation IO249NPB6V1 Datasheet HTML 75Page - Microsemi Corporation IO249NPB6V1 Datasheet HTML 76Page - Microsemi Corporation IO249NPB6V1 Datasheet HTML 77Page - Microsemi Corporation IO249NPB6V1 Datasheet HTML 78Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 212 page
background image
Military ProASIC3/EL DC and Switching Characteristics
2-60
Revision 3
1.5 V DC Core Voltage
Table 2-87 • 1.8 V LVCMOS Low Slew
Military-Case Conditions: TJ = 125°C, VCC = 1.425 V, Worst-Case VCCI = 1.7 V
Applicable to Pro I/Os for A3PE600L and A3PE3000L Only
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.61
9.02 0.04 1.69 2.52
0.40
9.17 7.57 2.61 1.01
10.63
9.04
ns
–1
0.52
7.68 0.03 1.44 2.14
0.34
7.80 6.44 2.22 0.86
9.04
7.69
ns
4 mA
Std.
0.61
7.41 0.04 1.69 2.52
0.40
7.52 6.36 3.07 2.56
8.99
7.83
ns
–1
0.52
6.30 0.03 1.44 2.14
0.34
6.40 5.41 2.62 2.18
7.64
6.66
ns
6 mA
Std.
0.61
6.26 0.04 1.69 2.52
0.40
6.35 5.53 3.38 3.14
7.82
7.00
ns
–1
0.52
5.33 0.03 1.44 2.14
0.34
5.40 4.71 2.88 2.67
6.65
5.95
ns
8 mA
Std.
0.61
5.88 0.04 1.69 2.52
0.40
5.96 5.37 3.45 3.30
7.42
6.83
ns
–1
0.52
5.00 0.03 1.44 2.14
0.34
5.07 4.57 2.94 2.81
6.32
5.81
ns
12 mA
Std.
0.61
5.76 0.04 1.69 2.52
0.40
5.85 5.38 3.55 3.88
7.31
6.84
ns
–1
0.52
4.90 0.03 1.44 2.14
0.34
4.97 4.57 3.02 3.30
6.22
5.82
ns
16 mA
Std.
0.61
5.76 0.04 1.69 2.52
0.40
5.85 5.38 3.55 3.88
7.31
6.84
ns
–1
0.52
4.90 0.03 1.44 2.14
0.34
4.97 4.57 3.02 3.30
6.22
5.82
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values.
Table 2-88 • 1.8 V LVCMOS High Slew
Military-Case Conditions: TJ = 125°C, VCC = 1.425 V, Worst-Case VCCI = 1.7 V
Applicable to Pro I/Os for A3PE600L and A3PE3000L Only
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.61
4.01 0.04 1.69 2.52
0.40
4.06 3.94 2.60 1.03
5.52
5.40
ns
–1
0.52
3.41 0.03 1.44 2.14
0.34
3.45 3.35 2.21 0.88
4.70
4.60
ns
4 mA
Std.
0.61
3.22 0.04 1.69 2.52
0.40
3.26 2.89 3.07 2.65
4.72
4.36
ns
–1
0.52
2.74 0.03 1.44 2.14
0.34
2.77 2.46 2.61 2.26
4.02
3.71
ns
6 mA
Std.
0.61
2.74 0.04 1.69 2.52
0.40
2.77 2.38 3.38 3.23
4.23
3.84
ns
–1
0.52
2.33 0.03 1.44 2.14
0.34
2.36 2.02 2.88 2.75
3.60
3.27
ns
8 mA
Std.
0.61
2.65 0.04 1.69 2.52
0.40
2.68 2.28 3.45 3.40
4.14
3.75
ns
–1
0.52
2.26 0.03 1.44 2.14
0.34
2.28 1.94 2.93 2.89
3.52
3.19
ns
12 mA
Std.
0.61
2.64 0.04 1.69 2.52
0.40
2.66 2.16 3.55 4.01
4.13
3.63
ns
–1
0.52
2.24 0.03 1.44 2.14
0.34
2.26 1.84 3.02 3.41
3.51
3.08
ns
16 mA
Std.
0.61
2.64 0.04 1.69 2.52
0.40
2.66 2.16 3.55 4.01
4.13
3.63
ns
–1
0.52
2.24 0.03 1.44 2.14
034
2.26 1.84 3.02 3.41
3.51
3.08
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com