Electronic Components Datasheet Search
  English  ▼

X  

VMV3 Datasheet(PDF) 125 Page - Microsemi Corporation

Part # VMV3
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VMV3 Datasheet(HTML) 125 Page - Microsemi Corporation

Back Button VMV3 Datasheet HTML 121Page - Microsemi Corporation VMV3 Datasheet HTML 122Page - Microsemi Corporation VMV3 Datasheet HTML 123Page - Microsemi Corporation VMV3 Datasheet HTML 124Page - Microsemi Corporation VMV3 Datasheet HTML 125Page - Microsemi Corporation VMV3 Datasheet HTML 126Page - Microsemi Corporation VMV3 Datasheet HTML 127Page - Microsemi Corporation VMV3 Datasheet HTML 128Page - Microsemi Corporation VMV3 Datasheet HTML 129Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
2-111
Table 2-186 • Output DDR Propagation Delays
Military-Case Conditions: TJ = 125°C, VCC = 1.425 V for A3PE600L and A3PE3000L
Parameter
Description
–1
Std.
Units
tDDROCLKQ
Clock-to-Out of DDR for Output DDR
0.74
0.87
ns
tDDRISUD1
Data_F Data Setup for Output DDR
0.40
0.47
ns
tDDROSUD2
Data_R Data Setup for Output DDR
0.40
0.47
ns
tDDROHD1
Data_F Data Hold for Output DDR
0.00
0.00
ns
tDDROHD2
Data_R Data Hold for Output DDR
0.00
0.00
ns
tDDROCLR2Q
Asynchronous Clear-to-Out for Output DDR
0.85
1.00
ns
tDDROREMCLR
Asynchronous Clear Removal Time for Output DDR
0.00
0.00
ns
tDDRORECCLR
Asynchronous Clear Recovery Time for Output DDR
0.24
0.28
ns
tDDROWCLR1
Asynchronous Clear Minimum Pulse Width for Output DDR
0.19
0.22
ns
tDDROCKMPWH
Clock Minimum Pulse Width HIGH for the Output DDR
0.31
0.36
ns
tDDROCKMPWL
Clock Minimum Pulse Width LOW for the Output DDR
0.28
0.32
ns
FDDOMAX
Maximum Frequency for the Output DDR
TBD
TBD
MHz
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values.
Table 2-187 • Output DDR Propagation Delays
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.425 V for A3P250 and A3P1000
Parameter
Description
–1
Std.
Units
tDDROCLKQ
Clock-to-Out of DDR for Output DDR
0.84
0.99
ns
tDDRISUD1
Data_F Data Setup for Output DDR
0.46
0.54
ns
tDDROSUD2
Data_R Data Setup for Output DDR
0.46
0.54
ns
tDDROHD1
Data_F Data Hold for Output DDR
0.00
0.00
ns
tDDROHD2
Data_R Data Hold for Output DDR
0.00
0.00
ns
tDDROCLR2Q
Asynchronous Clear-to-Out for Output DDR
0.96
1.13
ns
tDDROREMCLR
Asynchronous Clear Removal Time for Output DDR
0.00
0.00
ns
tDDRORECCLR
Asynchronous Clear Recovery Time for Output DDR
0.27
0.31
ns
tDDROWCLR1
Asynchronous Clear Minimum Pulse Width for Output DDR
0.25
0.30
ns
tDDROCKMPWH
Clock Minimum Pulse Width HIGH for the Output DDR
0.41
0.48
ns
tDDROCKMPWL
Clock Minimum Pulse Width LOW for the Output DDR
0.37
0.43
ns
FDDOMAX
Maximum Frequency for the Output DDR
TBD
TBD
MHz
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-8 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com