Electronic Components Datasheet Search
  English  ▼

X  

AD630ARZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD630ARZ
Description  Balanced Modulator/Demodulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD630ARZ Datasheet(HTML) 5 Page - Analog Devices

  AD630ARZ Datasheet HTML 1Page - Analog Devices AD630ARZ Datasheet HTML 2Page - Analog Devices AD630ARZ Datasheet HTML 3Page - Analog Devices AD630ARZ Datasheet HTML 4Page - Analog Devices AD630ARZ Datasheet HTML 5Page - Analog Devices AD630ARZ Datasheet HTML 6Page - Analog Devices AD630ARZ Datasheet HTML 7Page - Analog Devices AD630ARZ Datasheet HTML 8Page - Analog Devices AD630ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
REV. E
AD630
–4–
REV. E
10
15
5
1
10
100
1k
10k
100k
1M
RESISTIVE LOAD ( )
CL = 100pF
f = 1kHz
CAP IN
5k
VO
100pF
RL
Vi
5k
0
TPC 2. Output Voltage vs. Resistive
Load
INPUT VOLTAGE (V)
60
0
–60
–5
–3
4
–2
–1
1
40
20
–40
–20
–4
02
3
5
UNCOMPENSATED
COMPENSATED
TPC 5.
dV
dt
O
vs. Input Voltage
10
18
5
05
10
15
SUPPLY VOLTAGE ( V)
15
5k
100pF
Vi
5k
2k
VO
f = 1kHz
CL = 100pF
0
TPC 3. Output Voltage Swing vs.
Supply Voltage
FREQUENCY (Hz)
120
60
0
1M
100
100
80
20
40
10
1k
100k
10k
UNCOMPENSATED
10M
0
45
90
135
180
COMPENSATED
0
TPC 6. Gain and Phase vs. Frequency
FREQUENCY (Hz)
15
10
5
1k
10k
1M
100k
RL= 2k
CL = 100pF
2k
5k
5k
Vi
VO
100pF
0
TPC 1. Output Voltage vs. Frequency
FREQUENCY (Hz)
120
60
0
110
100k
100
1k
10k
100
80
40
20
TPC 4. Common-Mode Rejection
vs. Frequency
AD630–Typical Performance Characteristics
–4–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com