Electronic Components Datasheet Search
  English  ▼

X  

AD632SH Datasheet(PDF) 5 Page - Analog Devices

Part # AD632SH
Description  Internally Trimmed Precision IC Multiplier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD632SH Datasheet(HTML) 5 Page - Analog Devices

  AD632SH Datasheet HTML 1Page - Analog Devices AD632SH Datasheet HTML 2Page - Analog Devices AD632SH Datasheet HTML 3Page - Analog Devices AD632SH Datasheet HTML 4Page - Analog Devices AD632SH Datasheet HTML 5Page - Analog Devices AD632SH Datasheet HTML 6Page - Analog Devices AD632SH Datasheet HTML 7Page - Analog Devices AD632SH Datasheet HTML 8Page - Analog Devices AD632SH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AD632
Data Sheet
Rev. D | Page 4 of 12
AD632A
AD632B
AD632S
AD632T
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
DIVIDER PERFORMANCE
Transfer Function(X1 > X2)
1
2
1
1
2
Y
X
X
Z
Z
+
−
−
)
(
)
(
V
10
1
2
1
1
2
Y
X
X
Z
Z
+
−
−
)
(
)
(
V
10
1
2
1
1
2
Y
X
X
Z
Z
+
−
−
)
(
)
(
V
10
1
2
1
1
2
Y
X
X
Z
Z
+
−
−
)
(
)
(
V
10
Total Error1
(X = 10 V, −10 V ≤ Z ≤ +10 V)
±0.75
±0.35
±0.75
±0.35
%
(X = 1 V, −1 V ≤ Z ≤ +1 V)
±2.0
±1.0
±2.0
±1.0
%
(0.1 V ≤ X ≤ 10 V, −10 V ≤ Z ≤
10 V)
±2.5
±1.0
±2.5
±1.0
%
SQUARER PERFORMANCE
Transfer Function
2
2
1
Z
X
X
+
−
V
10
)
(
2
2
2
1
Z
X
X
+
−
V
10
)
(
2
2
2
1
Z
X
X
+
−
V
10
)
(
2
2
2
1
Z
X
X
+
−
V
10
)
(
2
Total Error (−10 V ≤ X ≤ 10 V)
±0.6
±0.3
±0.6
±0.3
%
SQUARE-ROOTER PERFORMANCE
Transfer Function, (Z1 ≤ Z2)
2
1
2
X
Z
Z
+
− )
(
V
10
2
1
2
X
Z
Z
+
− )
(
V
10
2
1
2
X
Z
Z
+
− )
(
V
10
2
1
2
X
Z
Z
+
− )
(
V
10
Total Error1 (1 V ≤ Z ≤ 10 V)
±1.0
±0.5
±1.0
±0.5
%
POWER SUPPLY SPECIFICATIONS
Supply Voltage
Rated Performance
±15
±15
±15
±15
V
Operating
±8
±18
±8
±18
±8
±22
±8
±22
V
Supply Current
Quiescent
4
6
4
6
4
6
4
6
mA
1
Figures given are percent of full-scale, ±10 V (that is, 0.01% = 1 mV).
2
Can be reduced to 3 V using an external resistor between –VS and SF.
3
Irreducible component due to nonlinearity: excludes effect of offsets.
4
Using an external resistor adjusted to give a value of SF = 3 V.
5
See the functional block diagram (Figure 1) for definition of sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com