Electronic Components Datasheet Search
  English  ▼

X  

AD725ARZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD725ARZ
Description  Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD725ARZ Datasheet(HTML) 3 Page - Analog Devices

  AD725ARZ Datasheet HTML 1Page - Analog Devices AD725ARZ Datasheet HTML 2Page - Analog Devices AD725ARZ Datasheet HTML 3Page - Analog Devices AD725ARZ Datasheet HTML 4Page - Analog Devices AD725ARZ Datasheet HTML 5Page - Analog Devices AD725ARZ Datasheet HTML 6Page - Analog Devices AD725ARZ Datasheet HTML 7Page - Analog Devices AD725ARZ Datasheet HTML 8Page - Analog Devices AD725ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD725
REV. 0
–3–
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD725AR
–40
°C to +85°C 16-Lead SOIC
R-16
AD725AR-Reel
–40
°C to +85°C 16-Lead SOIC
R-16
AD725AR-Reel7 –40
°C to +85°C 16-Lead SOIC
R-16
AD725-EB
Evaluation Board
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage, APOS to AGND . . . . . . . . . . . . . . . . . . +6 V
Supply Voltage, DPOS to DGND . . . . . . . . . . . . . . . . . . +6 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Inputs . . . . . . . . . . . . . . . . . . . DGND – 0.3 to DPOS + 0.3 V
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . . . 800 mW
Operating Temperature Range . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +125°C
Lead Temperature Range (Soldering 30 sec) . . . . . . . . +230
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Thermal Characteristics: 16-Pin SOIC Package:
θ
JA = 100°C/W.
PIN CONFIGURATION
16-Lead Wide Body (SOIC)
(R-16)
AGND
CE
RIN
GIN
4FSC
APOS
BIN
STND
HSYNC
VSYNC
YTRAP
LUMA
COMP
DPOS
DGND
CRMA
1
2
16
15
5
6
7
12
11
10
3
4
14
13
89
TOP VIEW
(Not to Scale)
AD725
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD725 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com