Electronic Components Datasheet Search
  English  ▼

X  

AD725-EB Datasheet(PDF) 5 Page - Analog Devices

Part # AD725-EB
Description  Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD725-EB Datasheet(HTML) 5 Page - Analog Devices

  AD725-EB Datasheet HTML 1Page - Analog Devices AD725-EB Datasheet HTML 2Page - Analog Devices AD725-EB Datasheet HTML 3Page - Analog Devices AD725-EB Datasheet HTML 4Page - Analog Devices AD725-EB Datasheet HTML 5Page - Analog Devices AD725-EB Datasheet HTML 6Page - Analog Devices AD725-EB Datasheet HTML 7Page - Analog Devices AD725-EB Datasheet HTML 8Page - Analog Devices AD725-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
–5–
Typical Characteristics–AD725
µs
1.0
0.5
–0.5
060
10
20
30
40
50
0.0
APL = 50.8%
525 LINE NTSC
NO FILTERING
SLOW CLAMP TO 0.00V @ 6.63 s
100
50
0
–50
Figure 3. 100% Color Bars, NTSC
Figure 4. 100% Color Bars on Vector Scope, NTSC
RGB
3
75
75
COMPOSITE
VIDEO
COMPOSITE
SYNC
FSC
GENLOCK
TEKTRONIX
TG2000
SIGNAL
GENERATION
PLATFORM
AD725
RGB TO
NTSC/PAL
ENCODER
TEKTRONIX
VM700A
WAVEFORM
MONITOR
SONY
MONITOR
MODEL
PVM-1354Q
+5V
4FSC
HP3314A
4 PLL
FSC
(3.579545MHz
OR
4.433618MHz)
OSCILLATOR
Figure 2. Evaluation Setup
s
1.0
0.5
–0.5
060
10
20
30
40
50
0.0
APL = 50.6%
625 LINE PAL
NO FILTERING
SLOW CLAMP TO 0.00V @ 6.72 s
Figure 5. 100% Color Bars, PAL
Figure 6. 100% Color Bars on Vector Scope, PAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com