Electronic Components Datasheet Search
  English  ▼

X  

AD1933WBSTZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD1933WBSTZ
Description  8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1933WBSTZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD1933WBSTZ Datasheet HTML 19Page - Analog Devices AD1933WBSTZ Datasheet HTML 20Page - Analog Devices AD1933WBSTZ Datasheet HTML 21Page - Analog Devices AD1933WBSTZ Datasheet HTML 22Page - Analog Devices AD1933WBSTZ Datasheet HTML 23Page - Analog Devices AD1933WBSTZ Datasheet HTML 24Page - Analog Devices AD1933WBSTZ Datasheet HTML 25Page - Analog Devices AD1933WBSTZ Datasheet HTML 26Page - Analog Devices AD1933WBSTZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
AD1933
Rev. E | Page 23 of 28
ADDITIONAL MODES
The AD1933 offers several additional modes for board level
design enhancements. To reduce the EMI in board level design,
serial data can be transmitted without an explicit BCLK. See
Figure 19 for an example of a DAC TDM data transmission
mode that does not require high speed DBCLK. This configu-
ration is applicable when the AD1933 master clock is generated
by the PLL with the DLRCLK as the PLL reference frequency.
To relax the requirement for the setup time of the AD1933 in
cases of high speed TDM data transmission, the AD1933 can
latch in the data using the falling edge of DBCLK. This effectively
dedicates the entire BCLK period to the setup time. This mode
is useful in cases where the source has a large delay time in the
serial data driver. Figure 20 shows this pipeline mode of data trans-
mission. Both the BLCK-less and pipeline modes are available.
DLRCLK
INTERNAL
DBCLK
DSDATAx
DLRCLK
INTERNAL
DBCLK
TDM-DSDATAx
32 BITS
Figure 19. Serial DAC Data Transmission in TDM Format Without DBCLK (Applicable Only If PLL Locks to DLRCLK)
DLRCLK
DBCLK
DSDATAx
DATA MUST BE VALID
AT THIS BCLK EDGE
MSB
Figure 20. I2S Pipeline Mode in DAC Serial Data Transmission (Applicable in Stereo and TDM Useful for High Frequency TDM Transmission)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com