Electronic Components Datasheet Search
  English  ▼

X  

LTC1383 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1383
Description  Low Power 5V RS232 Dual Driver/Receiver with
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1383 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1383 Datasheet HTML 2Page - Linear Technology LTC1383 Datasheet HTML 3Page - Linear Technology LTC1383 Datasheet HTML 4Page - Linear Technology LTC1383 Datasheet HTML 5Page - Linear Technology LTC1383 Datasheet HTML 6Page - Linear Technology LTC1383 Datasheet HTML 7Page - Linear Technology LTC1383 Datasheet HTML 8Page - Linear Technology LTC1383 Datasheet HTML 9Page - Linear Technology LTC1383 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1780/LT1781
VCC: 5V Input Supply Pin. This pin should be decoupled
with a 0.1
µF ceramic capacitor close to the package pin.
Insufficient supply bypassing can result in low output
drive levels and erratic charge pump operation.
GND: Ground Pin.
ON/OFF: A TTL/CMOS Compatible Operating Mode Con-
trol. A logic low puts the LT1780 in SHUTDOWN mode.
Supply current drops to zero and both driver and receiver
outputs assume a high impedance state. A logic high fully
enables the device.
V+: Positive Supply Output (RS232 Drivers).
V+
≈ 2VCC – 1.5V. This pin requires an external charge
storage capacitor C
≥ 0.1µF, tied to ground or VCC. Larger
value capacitors may be used to reduce supply ripple. With
multiple transceivers, the V+ and V – pins may be paralleled
into common capacitors.
V–: Negative Supply Output (RS232 Drivers).
V –
≈ –(2VCC – 2.5V). This pin requires an external charge
storage capacitor C
≥ 0.1µF. Larger value capacitors may
be used to reduce supply ripple. With multiple transceiv-
ers, the V+ and V – pins may be paralleled into common
capacitors.
TR1 IN, TR2 IN: RS232 Driver Input Pins. These inputs are
TTL/CMOS compatible. Inputs should not be allowed to
float. Tie unused inputs to VCC.
TR1 OUT, TR2 OUT: Driver Outputs at RS232 Voltage
Levels. Driver output swing meets RS232 levels for loads
up to 3k. Slew rates are controlled for lightly loaded lines.
Output current capability is sufficient for load conditions
up to 2500pF. Outputs are in a high impedance state when
in SHUTDOWN mode or VCC = 0V. Outputs are fully short-
circuit protected from V – + 30V to V + – 30V. Applying
higher voltages will not damage the device if the overdrive
is moderately current limited. Short circuits on one
output can load the power supply generator and may
disrupt the signal levels of the other outputs. The driver
outputs are protected against ESD to IEC-1000-4-2
Level 4 discharges.
REC1 IN, REC2 IN: Receiver Inputs. These pins accept
RS232 level signals (
±30V) into a protected 5k terminat-
ing resistor. The receiver inputs are protected against ESD
to IEC-1000-4-2 Level 4 discharges. Each receiver pro-
vides 0.4V of hysteresis for noise immunity. Open receiver
inputs result in a logic high receiver output state.
REC1 OUT, REC2 OUT: Receiver outputs with TTL/CMOS
Voltage Levels. Outputs are in a high impedance state
when in SHUTDOWN mode to allow data line sharing.
Outputs are fully short-circuit protected to ground or VCC
with the power ON, OFF or in the SHUTDOWN mode.
C1+, C1–, C2 +, C2 –: Commutating Capacitor Inputs.
These pins require two external capacitors C
≥ 0.1µF: one
from C1+ to C1– and another from C2+ to C2 –. C1 should
be deleted if a separate 12V supply is available and
connected to pin C1+. Similarly, C2 should be deleted if a
separate – 12V supply is connected to pin V –.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com