Electronic Components Datasheet Search
  English  ▼

X  

XLAMPMCE Datasheet(PDF) 12 Page - Cree, Inc

Part # XLAMPMCE
Description  Product family data sheet
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XLAMPMCE Datasheet(HTML) 12 Page - Cree, Inc

Back Button XLAMPMCE Datasheet HTML 6Page - Cree, Inc XLAMPMCE Datasheet HTML 7Page - Cree, Inc XLAMPMCE Datasheet HTML 8Page - Cree, Inc XLAMPMCE Datasheet HTML 9Page - Cree, Inc XLAMPMCE Datasheet HTML 10Page - Cree, Inc XLAMPMCE Datasheet HTML 11Page - Cree, Inc XLAMPMCE Datasheet HTML 12Page - Cree, Inc XLAMPMCE Datasheet HTML 13Page - Cree, Inc XLAMPMCE Datasheet HTML 14Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Copyright © 2008-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®v, the Cree logo, XLamp® and EasyWhite® are
registered trademarks of Cree, Inc.
12
xlamp mC-e leds
mechanical dimensions
All measurements are ±.1mm unless otherwise indicated.
Top view
Bottom view
Side view
9.0 .0
+.2
.80
TYP.
7.50
7.00
.75
.10
1.50 BSC
PITCH
1
2
3
4
5
6
7
8
.05±.05
.25
1.45
R3.18
4.48±.20
A
5.40
2.60
2.84
7.70 10.02
5.60
1.00 TYP.
1.50 BSC
PITCH
2.75
1.16
3.85
1.30
2.00
7090MC PARALLEL / INDEPENDENT
CONFIGURATION
D8
D7
D6
D5
D4
D3
D2
D1
NEGATIVE (-) 4
5
4
POSITIVE (+) 4
NEGATIVE (-) 3
6
3
POSITIVE (+) 3
NEGATIVE (-) 2
7
2
POSITIVE (+) 2
8
1
NEGATIVE (-) 1
POSITIVE (+) 1
HEATSINK
RECOMMENDED PCB SOLDER PAD
Tolerances: .10
1.
Solder mask windows must be .05 mm bigger
2.
than PCB Solder Pad.
+.13
-.03
D1
D2 D3
D4
REVISIONS
REV
COMMENTS
DATE
APPROVED BY
A
Initial Release
10/16/07
RC
B
Change height due to new lens
10/23/2007
RC
C
Change recommended solder pad footprint
11/26/2007
RC
D
Height change due to new lens (was 3.86)
12/26/2007
RC
E
- Change package height FROM 1.5 TO 1.45
- Add LED reference designators
- Delete Series Configuration schematic
- Add tabs to recommended PCB footprint
5/12/2008
RC
SHEET 1 OF 1
20:1
2610-00005
SIZE
TITLE
REV.
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
.X
± 0.3
X°
± 2°
.XX ± .10
.X
± .25
FOR SHEET METAL PARTS ONLY
.XX ± .13
X°
± 1°
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS & BEFORE FINISH.
TOLERANCE UNLESS SPECIFIED:
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
OUTLINE DRAWING,
7090MC PACKAGE
E
R.Chaloupecky
10/16/07
Ban Loh
9.0 .0
+.2
.80
TYP.
7.50
7.00
.75
.10
1.50 BSC
PITCH
1
2
3
4
5
6
7
8
.05±.05
.25
1.45
R3.18
4.48±.20
A
5.40
2.60
2.84
7.70 10.02
5.60
1.00 TYP.
1.50 BSC
PITCH
2.75
1.16
3.85
1.30
2.00
7090MC PARALLEL / INDEPENDENT
CONFIGURATION
D8
D7
D6
D5
D4
D3
D2
D1
NEGATIVE (-) 4
5
4
POSITIVE (+) 4
NEGATIVE (-) 3
6
3
POSITIVE (+) 3
NEGATIVE (-) 2
7
2
POSITIVE (+) 2
8
1
NEGATIVE (-) 1
POSITIVE (+) 1
HEATSINK
RECOMMENDED PCB SOLDER PAD
Tolerances: .10
1.
Solder mask windows must be .05 mm bigger
2.
than PCB Solder Pad.
+.13
-.03
D1
D2 D3
D4
REVISIONS
REV
COMMENTS
DATE
APPROVED BY
A
Initial Release
10/16/07
RC
B
Change height due to new lens
10/23/2007
RC
C
Change recommended solder pad footprint
11/26/2007
RC
D
Height change due to new lens (was 3.86)
12/26/2007
RC
E
- Change package height FROM 1.5 TO 1.45
- Add LED reference designators
- Delete Series Configuration schematic
- Add tabs to recommended PCB footprint
5/12/2008
RC
SHEET 1 OF 1
20:1
2610-00005
SIZE
TITLE
REV.
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
.X
± 0.3
X°
± 2°
.XX ± .10
.X
± .25
FOR SHEET METAL PARTS ONLY
.XX ± .13
X°
± 1°
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS & BEFORE FINISH.
TOLERANCE UNLESS SPECIFIED:
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
OUTLINE DRAWING,
7090MC PACKAGE
E
R.Chaloupecky
10/16/07
Ban Loh
9.0 .0
+.2
.80
TYP.
7.50
7.00
.75
.10
1.50 BSC
PITCH
1
2
3
4
5
6
7
8
.05±.05
.25
1.45
R3.18
4.48±.20
A
5.40
2.60
2.84
7.70 10.02
5.60
1.00 TYP.
1.50 BSC
PITCH
2.75
1.16
3.85
1.30
2.00
7090MC PARALLEL / INDEPENDENT
CONFIGURATION
D8
D7
D6
D5
D4
D3
D2
D1
NEGATIVE (-) 4
5
4
POSITIVE (+) 4
NEGATIVE (-) 3
6
3
POSITIVE (+) 3
NEGATIVE (-) 2
7
2
POSITIVE (+) 2
8
1
NEGATIVE (-) 1
POSITIVE (+) 1
HEATSINK
RECOMMENDED PCB SOLDER PAD
Tolerances: .10
1.
Solder mask windows must be .05 mm bigger
2.
than PCB Solder Pad.
+.13
-.03
D1
D2 D3
D4
REVISIONS
REV
COMMENTS
DATE
APPROVED BY
A
Initial Release
10/16/07
RC
B
Change height due to new lens
10/23/2007
RC
C
Change recommended solder pad footprint
11/26/2007
RC
D
Height change due to new lens (was 3.86)
12/26/2007
RC
E
- Change package height FROM 1.5 TO 1.45
- Add LED reference designators
- Delete Series Configuration schematic
- Add tabs to recommended PCB footprint
5/12/2008
RC
SHEET 1 OF 1
20:1
2610-00005
SIZE
TITLE
REV.
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
.X
± 0.3
X°
± 2°
.XX ± .10
.X
± .25
FOR SHEET METAL PARTS ONLY
.XX ± .13
X°
± 1°
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS & BEFORE FINISH.
TOLERANCE UNLESS SPECIFIED:
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
OUTLINE DRAWING,
7090MC PACKAGE
E
R.Chaloupecky
10/16/07
Ban Loh
9.0 .0
+.2
.80
TYP.
7.50
7.00
.75
.10
1.50 BSC
PITCH
1
2
3
4
5
6
7
8
.05±.05
.25
1.45
R3.18
4.48±.20
A
5.40
2.60
2.84
7.70 10.02
5.60
1.00 TYP.
1.50 BSC
PITCH
2.75
1.16
3.85
1.30
2.00
7090MC PARALLEL / INDEPENDENT
CONFIGURATION
D8
D7
D6
D5
D4
D3
D2
D1
NEGATIVE (-) 4
5
4
POSITIVE (+) 4
NEGATIVE (-) 3
6
3
POSITIVE (+) 3
NEGATIVE (-) 2
7
2
POSITIVE (+) 2
8
1
NEGATIVE (-) 1
POSITIVE (+) 1
HEATSINK
RECOMMENDED PCB SOLDER PAD
Tolerances: .10
1.
Solder mask windows must be .05 mm bigger
2.
than PCB Solder Pad.
+.13
-.03
D1
D2 D3
D4
REVISIONS
REV
COMMENTS
DATE
APPROVED BY
A
Initial Release
10/16/07
RC
B
Change height due to new lens
10/23/2007
RC
C
Change recommended solder pad footprint
11/26/2007
RC
D
Height change due to new lens (was 3.86)
12/26/2007
RC
E
- Change package height FROM 1.5 TO 1.45
- Add LED reference designators
- Delete Series Configuration schematic
- Add tabs to recommended PCB footprint
5/12/2008
RC
SHEET 1 OF 1
20:1
2610-00005
SIZE
TITLE
REV.
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
.X
± 0.3
X°
± 2°
.XX ± .10
.X
± .25
FOR SHEET METAL PARTS ONLY
.XX ± .13
X°
± 1°
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS & BEFORE FINISH.
TOLERANCE UNLESS SPECIFIED:
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
OUTLINE DRAWING,
7090MC PACKAGE
E
R.Chaloupecky
10/16/07
Ban Loh
Top view
9.0 .0
+.2
.80
TYP.
7.50
7.00
.75
.10
1.50 BSC
PITCH
1
2
3
4
5
6
7
8
.05±.05
.25
1.45
R3.18
4.48±.20
A
5.40
2.60
2.84
7.70 10.02
5.60
1.00 TYP.
1.50 BSC
PITCH
2.75
1.16
3.85
1.30
2.00
7090MC PARALLEL / INDEPENDENT
CONFIGURATION
D8
D7
D6
D5
D4
D3
D2
D1
NEGATIVE (-) 4
5
4
POSITIVE (+) 4
NEGATIVE (-) 3
6
3
POSITIVE (+) 3
NEGATIVE (-) 2
7
2
POSITIVE (+) 2
8
1
NEGATIVE (-) 1
POSITIVE (+) 1
HEATSINK
RECOMMENDED PCB SOLDER PAD
Tolerances: .10
1.
Solder mask windows must be .05 mm bigger
2.
than PCB Solder Pad.
+.13
-.03
D1
D2 D3
D4
REVISIONS
REV
COMMENTS
DATE
APPROVED BY
A
Initial Release
10/16/07
RC
B
Change height due to new lens
10/23/2007
RC
C
Change recommended solder pad footprint
11/26/2007
RC
D
Height change due to new lens (was 3.86)
12/26/2007
RC
E
- Change package height FROM 1.5 TO 1.45
- Add LED reference designators
- Delete Series Configuration schematic
- Add tabs to recommended PCB footprint
5/12/2008
RC
SHEET 1 OF 1
20:1
2610-00005
SIZE
TITLE
REV.
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
.X
± 0.3
X°
± 2°
.XX ± .10
.X
± .25
FOR SHEET METAL PARTS ONLY
.XX ± .13
X°
± 1°
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS & BEFORE FINISH.
TOLERANCE UNLESS SPECIFIED:
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUT THE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
OUTLINE DRAWING,
7090MC PACKAGE
E
R.Chaloupecky
10/16/07
Ban Loh
Color
D1: Red
D2: Green
D3: Blue
D4: white
Recommended pCB Solder pad
Dynamic white
D1: Cool white
D2: warm white
D3: Cool white
D4: warm white



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com