Electronic Components Datasheet Search
  English  ▼

X  

LT1244 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1244
Description  High Speed Current Mode Pulse Width Modulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1244 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1244 Datasheet HTML 8Page - Linear Technology LT1244 Datasheet HTML 9Page - Linear Technology LT1244 Datasheet HTML 10Page - Linear Technology LT1244 Datasheet HTML 11Page - Linear Technology LT1244 Datasheet HTML 12Page - Linear Technology LT1244 Datasheet HTML 13Page - Linear Technology LT1244 Datasheet HTML 14Page - Linear Technology LT1244 Datasheet HTML 15Page - Linear Technology LT1244 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1241 Series
S
APPLICATI
TYPICAL
+
–
+
–
–
+
LT1241 • TA04
RT
CT
FB
COMP
RT/CT
VREF
VIN
RS
ISENSE
2
2.5V
2R
R
1V
1.5V
BLANKING
1mA
5.6V
OSCILLATOR
R
S
18V
7
VCC
UV
LOCKOUT
5
GND
6
OUTPUT
5V REF
MAIN BIAS
REFERENCE PULL-DOWN
OUTPUT
PULL-DOWN
REFERENCE ENABLE
T
1
8
3
4
Slope Compensation at ISENSE Pin
PACKAGE DESCRIPTIO
J8 0694
0.014 – 0.026
(0.360 – 0.660)
0.200
(5.080)
MAX
0.015 – 0.060
(0.381 – 1.524)
0.125
3.175
MIN
0.100
± 0.010
(2.540
± 0.254)
0.300 BSC
(0.762 BSC)
0.008 – 0.018
(0.203 – 0.457)
0
° – 15°
0.385
± 0.025
(9.779
± 0.635)
0.005
(0.127)
MIN
0.405
(10.287)
MAX
0.220 – 0.310
(5.588 – 7.874)
12
3
4
87
65
0.025
(0.635)
RAD TYP
0.045 – 0.068
(1.143 – 1.727)
FULL LEAD
OPTION
0.023 – 0.045
(0.584 – 1.143)
HALF LEAD
OPTION
CORNER LEADS OPTION
(4 PLCS)
0.045 – 0.068
(1.143 – 1.727)
NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE OR TIN PLATE LEADS.
J8 Package
8-Lead CERDIP (Narrow 0.300, Hermetic)
(LTC DWG # 05-08-1110)
Dimensions in inches (millimeters) unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com