Electronic Components Datasheet Search
  English  ▼

X  

LT1245 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1245
Description  High Speed Current Mode Pulse Width Modulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1245 Datasheet(HTML) 1 Page - Linear Technology

  LT1245 Datasheet HTML 1Page - Linear Technology LT1245 Datasheet HTML 2Page - Linear Technology LT1245 Datasheet HTML 3Page - Linear Technology LT1245 Datasheet HTML 4Page - Linear Technology LT1245 Datasheet HTML 5Page - Linear Technology LT1245 Datasheet HTML 6Page - Linear Technology LT1245 Datasheet HTML 7Page - Linear Technology LT1245 Datasheet HTML 8Page - Linear Technology LT1245 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1241 Series
The LT
®1241 series devices are 8-pin, fixed frequency,
current mode, pulse width modulators. They are improved
plug compatible versions of the industry standard UC1842
series. These devices have both improved speed and
lower quiescent current. The LT1241 series is optimized
for off-line and DC/DC converter applications. They con-
tain a temperature-compensated reference, high gain er-
ror amplifier, current sensing comparator and a high
current totem pole output stage ideally suited to driving
power MOSFETs. Start-up current has been reduced to
less than 250
µA. Cross-conduction current spikes in
the output stage have been eliminated, making 500kHz
operation practical. Several new features have been incor-
porated. Leading edge blanking has been added to the
current sense comparator. Trims have been added to the
oscillator circuit for both frequency and sink current, and
both of these parameters are tightly specified. The output
stage is clamped to a maximum VOUT of 18V in the
on state. The output and the reference output are actively
pulled low during undervoltage lockout.
High Speed Current Mode
Pulse Width Modulators
s
Low Start-Up Current: < 250
µA
s
50ns Current Sense Delay
s
Current Mode Operation: To 500kHz
s
Pin Compatible with UC1842 Series
s
Undervoltage Lockout with Hysteresis
s
No Cross-Conduction Current
s
Trimmed Bandgap Reference
s
1A Totem Pole Output
s
Trimmed Oscillator Frequency and Sink Current
s
Active Pull-Down on Reference and Output During
Undervoltage Lockout
s
High Level Output Clamp: 18V
s
Current Sense Leading Edge Blanking
DESCRIPTIO
S
FEATURE
S
APPLICATI
s
Off-Line Converters
s
DC/DC Converters
, LTC and LT are registered trademarks of Linear Technology Corporation.
+
–
+
–
1
2
FB
COMP
2.5V
2R
R
1V
1.5V
–
+
3
ISENSE
BLANKING
1mA
5.6V
4
RT/CT
OSCILLATOR
R
S
18V
7VCC
5
GND
6
OUTPUT
8
VREF
5V REF
MAIN BIAS
REFERENCE PULL-DOWN
OUTPUT
PULL-DOWN
REFERENCE ENABLE
1241 BD01
T
UV
LOCKOUT
I
DAGRA
BLOCK


Similar Part No. - LT1245

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1245 LINER-LT1245 Datasheet
331Kb / 16P
High Speed Current Mode Pulse Width Modulators
LT1245 LINER-LT1245 Datasheet
273Kb / 16P
High Speed Current Mode Pulse Width Modulators
LT1245 LINER-LT1245 Datasheet
273Kb / 16P
High Speed Current Mode Pulse Width Modulators
LT1245 LINER-LT1245 Datasheet
273Kb / 16P
High Speed Current Mode Pulse Width Modulators
More results

Similar Description - LT1245

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1842 SEME-LAB-IP1842 Datasheet
43Kb / 6P
CURRENT MODE REGULATING PULSE WIDTH MODULATORS
IP1844 SEME-LAB-IP1844 Datasheet
58Kb / 6P
CURRENT MODE REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1241 LINER-LT1241 Datasheet
331Kb / 16P
High Speed Current Mode Pulse Width Modulators
LT1244CN8 LINER-LT1244CN8 Datasheet
273Kb / 16P
High Speed Current Mode Pulse Width Modulators
LT1244IN8 LINER-LT1244IN8 Datasheet
273Kb / 16P
High Speed Current Mode Pulse Width Modulators
LT1244IS8 LINER-LT1244IS8 Datasheet
273Kb / 16P
High Speed Current Mode Pulse Width Modulators
logo
Linear Integrated Syste...
LT1242CS8 LINEAR-LT1242CS8 Datasheet
273Kb / 16P
High Speed Current Mode Pulse Width Modulators
LT1242IS8 LINEAR-LT1242IS8 Datasheet
277Kb / 16P
High Speed Current Mode Pulse Width Modulators
LT1241IS8 LINEAR-LT1241IS8 Datasheet
273Kb / 16P
High Speed Current Mode Pulse Width Modulators
logo
Linear Technology
LT1241 LINER-LT1241_15 Datasheet
295Kb / 16P
High Speed Current Mode Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com