Electronic Components Datasheet Search
  English  ▼

X  

AD5379ABCZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD5379ABCZ
Description  40-Channel, 14-Bit, Parallel
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5379ABCZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5379ABCZ Datasheet HTML 14Page - Analog Devices AD5379ABCZ Datasheet HTML 15Page - Analog Devices AD5379ABCZ Datasheet HTML 16Page - Analog Devices AD5379ABCZ Datasheet HTML 17Page - Analog Devices AD5379ABCZ Datasheet HTML 18Page - Analog Devices AD5379ABCZ Datasheet HTML 19Page - Analog Devices AD5379ABCZ Datasheet HTML 20Page - Analog Devices AD5379ABCZ Datasheet HTML 21Page - Analog Devices AD5379ABCZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
AD5379
Rev. B | Page 17 of 28
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
3.5
4.0
2.5
3.0
4.5
5.0
5.5
FREQUENCY (MHz)
VDD = +12V
VSS = –12V
VREF(+) = +5V
VREF(–) = –3.5V
–40
°C
+25
°C
+85
°C
Figure 14. ICC vs. Supply
–0.223
–0.220
–0.217
–0.214
–0.211
–0.208
0
4
8
12
16
20
TIME (
μs)
TA = 25°C
VDD = +12V
VSS = –12V
VREF(+) = +5V
VREF(–) = –3.5V
Figure 15. Major Code Transition Glitch Energy
–0.211
–0.209
–0.210
–0.208
0
1.4
2.8
4.2
5.6
6.0
TIME (
μs)
TA = 25°C
VDD = +12V
VSS = –12V
VREF(+) = +5V
VREF(–) = –3.5V
Figure 16. Digital Feedthrough
VOUT
5mV
10V
TA = 25°C
VDD = +12V
VSS = –12V
VREF(+) = +5V
VREF(–) = –3.5V
Figure 17. DAC-to-DAC Crosstalk
1.30
1.35
1.40
1.45
1.50
1.55
1.60
1.65
1.70
1.75
1.2
1.6
2.0
2.4
2.8
3.2
0.4
0.8
0
INPUT VOLTAGE (V)
TA = 25°C
VDD = +12V
VSS = –12V
VREF(+) = +5V
VREF(–) = –3.5V
VCC = +3.3V
Figure 18. Supply Current vs. Digital Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com