Electronic Components Datasheet Search
  English  ▼

X  

LT5527 Datasheet(PDF) 13 Page - Linear Technology

Part # LT5527
Description  400MHz to 3.7GHz 5V High Signal Level
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5527 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT5527 Datasheet HTML 8Page - Linear Technology LT5527 Datasheet HTML 9Page - Linear Technology LT5527 Datasheet HTML 10Page - Linear Technology LT5527 Datasheet HTML 11Page - Linear Technology LT5527 Datasheet HTML 12Page - Linear Technology LT5527 Datasheet HTML 13Page - Linear Technology LT5527 Datasheet HTML 14Page - Linear Technology LT5527 Datasheet HTML 15Page - Linear Technology LT5527 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT5527
13
5527fa
APPLICATIONS INFORMATION
LL
RR
CC
RR
L
X
IF
OUT
IF
IF
IF
OUT
IF
IF
12
67
1
3
,
•
,
••
=
=
=
ω
ω
ω
Compared to the lowpass/4:1 transformer matching tech-
nique, this network delivers approximately 0.8dB higher
conversion gain (since the IF transformer loss is elimi-
nated) and comparable noise figure and IIP3. At a ±15%
offset from the IF center frequency, conversion gain and
noise figure degrade about 1dB. Beyond ±15%, conver-
sion gain decreases gradually but noise figure increases
rapidly. IIP3 is less sensitive to bandwidth. Other than IF
bandwidth, the most significant difference is LO-IF leakage,
which degrades to approximately –38dBm compared to
the superior performance realized with the lowpass/4:1
transformer matching.
Discrete IF balun element values for four common IF fre-
quencies are listed in Table 5. The corresponding measured
IF output return losses are shown in Figure 11. The values
listed in Table 5 differ from the calculated values slightly
due to circuit board and component parasitics. Typical
conversion gain, IIP3 and LO-IF leakage, versus RF input
frequency, for all four IF frequency examples is shown in
Figure 12. Typical conversion gain, IIP3 and noise figure
versus IF output frequency for the same circuits are shown
in Figure 13.
Table 5. Discrete IF Balun Element Values (ROUT = 50Ω)
IF FREQUENCY
(MHz)
L1, L2
(nH)
C6, C7
(pF)
L3
(nH)
190
120
6.8
220
240
100
4.7
220
380
56
3
68
450
47
2.7
47
For fully differential IF architectures, the IF transformer can
be eliminated. An example is shown in Figure 14, where
the mixer’s IF output is matched directly into a SAW filter.
Supply voltage to the mixer’s IF pins is applied through
Figure 11. IF Output Return Losses with Discrete Balun Matching
Figure 12. Conversion Gain, IIP3 and LO-IF Leakage vs RF Input
Frequency Using Discrete IF Balun Matching
Figure 13. Conversion Gain, IIP3 and SSB NF vs IF Output
Frequency Using Discrete IF Balun Matching
IF FREQUENCY (MHz)
–30
–20
–10
0
–25
–15
–5
150
250
350
450
5527 F11
550
100
50
200
300
400
500
190MHz
240MHz
380MHz
450MHz
RF INPUT FREQUENCY (MHz)
1700
14
18
22
26
2500
5527 F12
10
6
12
16
20
24
8
4
2
–30
–20
–10
0
–40
–50
–60
1900
2100
2300
2700
190IF
240IF
380IF
450IF
LOW SIDE LO (–3dBm)
TA = 25°C
IIP3
LO-IF
GC
IF OUTPUT FREQUENCY (MHz)
150
12
18
20
550
5527 F13
10
8
0
250
350
450
200
300
400
500
4
26
24
22
IIP3
GC
16
14
6
2
190IF
240IF
380IF
450IF
LOW SIDE LO (–3dBm)
TA = 25°C
SSB NF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com