Electronic Components Datasheet Search
  English  ▼

X  

LTC489IN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC489IN
Description  Quad RS485 Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC489IN Datasheet(HTML) 1 Page - Linear Technology

  LTC489IN Datasheet HTML 1Page - Linear Technology LTC489IN Datasheet HTML 2Page - Linear Technology LTC489IN Datasheet HTML 3Page - Linear Technology LTC489IN Datasheet HTML 4Page - Linear Technology LTC489IN Datasheet HTML 5Page - Linear Technology LTC489IN Datasheet HTML 6Page - Linear Technology LTC489IN Datasheet HTML 7Page - Linear Technology LTC489IN Datasheet HTML 8Page - Linear Technology LTC489IN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC488/LTC489
1
4889fb
TYPICAL APPLICATION
DESCRIPTION
Quad RS485 Line Receiver
The LTC®488 and LTC489 are low power differential bus/
line receivers designed for multipoint data transmission
standard RS485 applications with extended common
mode range (12V to –7V). They also meet the require-
ments of RS422.
The CMOS design offers significant power savings over
its bipolar counterpart without sacrificing ruggedness
against overload or ESD damage.
The receiver features three-state outputs, with the receiver
output maintaining high impedance over the entire com-
mon mode range.
The receiver has a fail-safe feature which guarantees a
high output state when the inputs are left open.
Both AC and DC specifications are guaranteed 4.75V to
5.25V supply voltage range.
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
FEATURES
APPLICATIONS
n Low Power: ICC = 7mA Typ
n Designed for RS485 or RS422 Applications
n Single 5V Supply
n –7V to 12V Bus Common Mode Range Permits ±7V
Ground Difference Between Devices on the Bus
n 60mV Typical Input Hysteresis
n Receiver Maintains High Impedance in Three-State or
with the Power Off
n 28ns Typical Receiver Propagation Delay
n Pin Compatible with the SN75173 (LTC488)
n Pin Compatible with the SN75175 (LTC489)
n Low Power RS485/RS422 Receivers
n Level Translator
120Ω
4000 FT 24 GAUGE TWISTED PAIR
DI
RECEIVER
1/4 LTC488
120Ω
DRIVER
1/4 LTC486
RO
EN
EN
1
2
4
12
3
EN
EN
120Ω
4000 FT 24 GAUGE TWISTED PAIR
DI
RECEIVER
1/4 LTC489
120Ω
DRIVER
1/4 LTC487
RO
EN12
1
2
4
3
EN12
4889 TA01


Similar Part No. - LTC489IN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC489IN LINER-LTC489IN Datasheet
228Kb / 12P
Quad RS485 Line Receiver
LTC489IN LINER-LTC489IN Datasheet
117Kb / 12P
Quad RS485 Line Receiver
LTC489IN-PBF LINER-LTC489IN-PBF Datasheet
142Kb / 12P
Quad RS485 Line Receiver
More results

Similar Description - LTC489IN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1489 NSC-DS1489 Datasheet
196Kb / 8P
Quad Line Receiver
DS75154 NSC-DS75154 Datasheet
120Kb / 8P
Quad Line Receiver
logo
ON Semiconductor
MC10115 ONSEMI-MC10115 Datasheet
99Kb / 4P
Quad Line Receiver
1996 REV 5
MC10H115 ONSEMI-MC10H115 Datasheet
96Kb / 3P
Quad Line Receiver
REV 5
logo
Linear Technology
LTC488 LINER-LTC488 Datasheet
228Kb / 12P
Quad RS485 Line Receiver
logo
National Semiconductor ...
DS1489 NSC-DS1489_02 Datasheet
217Kb / 7P
Quad Line Receiver
logo
Linear Technology
LTC489CSW LINER-LTC489CSW Datasheet
117Kb / 12P
Quad RS485 Line Receiver
LTC488CN LINER-LTC488CN Datasheet
142Kb / 12P
Quad RS485 Line Receiver
LTC488 LINER-LTC488_15 Datasheet
137Kb / 12P
Quad RS485 Line Receiver
LTC489 LINER-LTC489_15 Datasheet
137Kb / 12P
Quad RS485 Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com