| Electronic Components Datasheet Search |
|
LTC1293CCSW Datasheet(PDF) 15 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1293CCSW Datasheet(HTML) 15 Page - Linear Technology |
|
15 / 28 page ![]() 15 LTC1293/LTC1294/LTC1296 129346fs Interfacing to the Parallel Port of the Intel 8051 Family The Intel 8051 has been chosen to show the interface between the LTC1293/4/6 and parallel port microproces- sors. Usually the signals CS, DIN and CLK are generated on three port lines and the DOUT signal is read on a fourth port line. This works very well. One can save a line by tying the DIN and DOUT lines together. The 8051 first sends the start bit and DIN to the LTC1294 over the line connected to P1.2. Then P1.2 is reconfigured as an input and the 8051 reads back the 12-bit A/D result over the same data line. S APPLICATI I FOR ATIO Data Exchange Between LTC1294 and MC68HC11 Motorola SPI (MC68HC11) The MC68HC11 has been chosen as an example of an MPU with a dedicated serial port. This MPU transfers data MSB- first and in 8-bit increments. The DIN word sent to the data register starts the SPI process. With three 8-bit transfers, the A/D result is read into the MPU. The second 8-bit transfer clocks B11 through B8 of the A/D conversion result into the processor. The third 8-bit transfer clocks the remaining bits B7 through B0 into the MPU. The data is right justified in the two memory locations. ANDing the second byte with 0DHEX clears the four most significant bits. This operation was not included in the code. It can be inserted in the data gathering loop or outside the loop when the data is processed. Hardware and Software Interface to Motorola MC68HC11 CS CLK DOUT MPU RECEIVED WORD LTC1293 TD01 UNI SGL/ DIFF ODD/ EVEN SEL 1 SEL 0 START MSBF PS B3 B7 B6 B5 B4 B2 B0 B1 B11 B10 B9 B8 DIN MPU TRANSMIT WORD BYTE 3 (DUMMY) BYTE 2 SGL 0 ODD SEL 0 SEL 1 BYTE 1 X UNI MSBF PS X X X X 00 1 START X X X XX X X X BYTE 3 BYTE 2 ? ? ? ? ? BYTE 1 B11 ? ? ? 0 B10 B8 B9 ?? ? B7 B6 B4 B5 B3 B2 B0 B1 DON'T CARE LTC1293 TD01a CLK DOUT LTC1294 CS ANALOG INPUTS DO SCK MISO MC68HC11 DIN MOSI B2 B1 B0 B3 B4 B6 B7 B5 BYTE 1 B10 B9 B8 B11 O O OO DOUT FROM LTC1294 STORED ON MC68HC11 RAM BYTE 2 LSB MSB #62 #63 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |