| Electronic Components Datasheet Search |
|
LTC1293 Datasheet(PDF) 6 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1293 Datasheet(HTML) 6 Page - Linear Technology |
|
6 / 28 page ![]() 6 LTC1293/LTC1294/LTC1296 129346fs LTC1296 SSO Source Current vs VCC – VSSO CC HARA TERISTICS A TYPICALPERFOR CE Maximum Clock Rate vs Source Resistance DOUT Delay Time vs Temperature CYCLE TIME (µs) 10 100 1k 10k 10 1k 10k LTC1293 G12 1 100 + – +VIN CFILTER ≥1µF RFILTER Maximum Filter Resistor vs Cycle Time Sample and Hold Acquisition Time vs Source Resistance RSOURCE+ (Ω) 100 1 10 100 1000 10000 LTC1292 G13 + – VIN RSOURCE+ VREF = 5V VCC = 5V TA = 25°C 0V TO 5V INPUT STEP Input Channel leakage Current vs Temperature AMBIENT TEMPERATURE (°C) –50 0 100 300 400 500 1000 700 –10 30 50 130 LTC1293 G14 200 800 900 600 –30 10 70 90 110 ON CHANNEL OFF CHANNEL GUARANTEED Noise Error vs Reference Voltage REFERENCE VOLTAGE (V) 0 0 0.25 0.75 1.00 1.25 2 4 5 2.25 0.50 13 1.50 1.75 2.00 LTC1293 G15 LTC1293/4/6 NOISE = 200µVp-p LTC1296 SSO Sink Current vs VSSO 100 0.2 0.4 0.6 0.8 1.0 1k 10k 100k LTC1293 G11 0 VCC = 5V VREF = 5V CLK = 1MHz RSOURCE– (Ω) + – +IN –IN +VIN RSOURCE– * MAXIMUM CLK FREQUENCY REPRESENTS THE CLK FREQUENCY AT WHICH A 0.1LSB SHIFT IN THE ERROR AT ANY CODE TRANSITION FROM ITS 1MHz VALUE IS FIRST DETECTED. ** MAXIMUM RFILTER REPRESENTS THE FILTER RESISTOR VALUE AT WHICH A 0.1LSB CHANGE IN FULL SCALE ERROR FROM ITS VALUE AT RFILTER = 0Ω IS FIRST DETECTED. 0 300 400 500 0.8 LTC1293 G17 200 100 0 0.2 0.4 0.6 1.0 VCC = 5V VSSO VOLTAGE (V) 0 300 400 500 0.4 LTC1293 G16 200 0 0.1 0.2 0.3 0.5 0.7 0.6 VCC = 5V 100 VCC – VSSO VOLTAGE (V) AMBIENT TEMPERATURE (°C) –50 150 200 250 50 LTC1293 G10 100 0 –25 0 25 75 125 100 VCC = 5V 50 MSB FIRST DATA LSB FIRST DATA |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |