Electronic Components Datasheet Search
  English  ▼

X  

LTC1443CDHD Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1443CDHD
Description  Ultralow Power Quad omparators with Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1443CDHD Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1443CDHD Datasheet HTML 4Page - Linear Technology LTC1443CDHD Datasheet HTML 5Page - Linear Technology LTC1443CDHD Datasheet HTML 6Page - Linear Technology LTC1443CDHD Datasheet HTML 7Page - Linear Technology LTC1443CDHD Datasheet HTML 8Page - Linear Technology LTC1443CDHD Datasheet HTML 9Page - Linear Technology LTC1443CDHD Datasheet HTML 10Page - Linear Technology LTC1443CDHD Datasheet HTML 11Page - Linear Technology LTC1443CDHD Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LTC1443/LTC1444/LTC1445
8
144345fe
applicaTions inForMaTion
The LTC1443/LTC1444/LTC1445 is a family of quad
micropowercomparatorswithabuilt-inreference(1.182V
for the LTC1443 and 1.221V for the LTC1444/LTC1445).
Features include programmable hysteresis (LTC1444/
LTC1445), wide supply voltage range (2V to 11V) and the
abilityofthereferencetodriveuptoa0.01µFcapacitorwith-
out oscillation. The comparator CMOS outputs (LTC1443/
LTC1445) can source up to 40mA while the LTC1444 has
an open-drain output to V–. The supply current glitches
that normally occur when the comparator output switches
states have been eliminated.
Power Supplies
The comparator family operates from a single 2V to 11V
supply. The LTC1443 includes a separate ground for the
comparator output stage, allowing a split supply ranging
from ±1V to ±5.5V. Connecting V– to GND on the LTC1443
allows single supply operation. If the comparator output
is required to source more than 1mA or the supply source
impedance is high, V+ should be bypassed with a 0.1µF
capacitor.
Comparator Inputs
The comparator inputs can swing from the negative sup-
ply (V–) to within 1.3V maximum of the positive supply
(V+). The inputs can be forced 300mV below V– or above
V+ without damage, and the typical input leakage current
is only ±10pA.
Comparator Outputs
The LTC1443 comparator output swings between GND
and V+ to assure TTL compatibility with a split supply.
The LTC1444 and LTC1445 outputs swing between V–
and V+. The outputs are capable of sourcing up to 40mA
(LTC1443/LTC1445) and sinking up to 5mA while still
maintaining microampere quiescent currents. The output
stage does not generate crowbar switching currents dur-
ing transitions which helps minimize parasitic feedback
through the supply pins.
Voltage Reference
The internal bandgap reference has a voltage of 1.182V for
LTC1443 or 1.221V for LTC1444/LTC1445 referenced to
V–. The reference accuracy is 1.5% from –40°C to 85°C.
It can source up to 200µA and sink up to 15µA with a 5V
supply. The reference can drive a bypass capacitor of up to
0.01µFwithoutoscillationandbyinsertingaseriesresistor,
capacitance values up to 100µF can be used (Figure 1).
Figure 2 shows the resistor value required for different
capacitor values to achieve critical damping.
CAPACITOR VALUE (µF)
0.001
0.1
10
1000
0.01
0.1
10
1
144345 F02
1
100
Figure 2. Damping Resistance vs Bypass Capacitor Value
LTC144X
V–
REF
R1
C1
REFERENCE
OUTPUT
144345 F01
1.2V
+–
Figure 1. Damping the Reference Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com