Electronic Components Datasheet Search
  English  ▼

X  

LTC1199CS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1199CS8
Description  10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1199CS8 Datasheet(HTML) 2 Page - Linear Technology

  LTC1199CS8 Datasheet HTML 1Page - Linear Technology LTC1199CS8 Datasheet HTML 2Page - Linear Technology LTC1199CS8 Datasheet HTML 3Page - Linear Technology LTC1199CS8 Datasheet HTML 4Page - Linear Technology LTC1199CS8 Datasheet HTML 5Page - Linear Technology LTC1199CS8 Datasheet HTML 6Page - Linear Technology LTC1199CS8 Datasheet HTML 7Page - Linear Technology LTC1199CS8 Datasheet HTML 8Page - Linear Technology LTC1199CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LTC1197/LTC1197L
LTC1199/LTC1199L
Operating Temperature Range
LTC1197C/LTC1197LC
LTC1199C/LTC1199LC ........................... 0
°C to 70°C
LTC1197I/LTC1197LI
LTC1199I/LTC1199LI ........................ – 45
°C to 85°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
Supply Voltage (VCC) ............................................... 12V
Voltage
Analog Input ..................... GND – 0.3V to VCC + 0.3V
Digital Input ................................ GND – 0.3V to 12V
Digital Output .................... GND – 0.3V to VCC + 0.3V
Power Dissipation .............................................. 500mW
Storage Temperature Range ................. – 65
°C to 150°C
(Notes 1, 2)
LTC1197
LTC1199
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
4
9
4
6
V
VCC = 5V Operation
fCLK
Clock Frequency
q
0.05
7.2
0.05
7.2
MHz
tCYC
Total Cycle Time
14
16
CLK
tSMPL
Analog Input Sampling Time
1.5
1.5
CLK
thCS
Hold Time CS Low After Last CLK
↑
13
13
ns
ORDER PART
NUMBER
MS8 PART MARKING
S8 PART MARKING
1197L
1197LI
1197
1197I
LTC1197CS8
LTC1197IS8
LTC1197LCS8
LTC1197LIS8
ORDER PART
NUMBER
LTC1197CMS8
LTC1197IMS8
LTC1197LCMS8
LTC1197LIMS8
LTBL
LTJA
TJMAX = 150°C, θJA = 175°C/W
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
CS
+IN
–IN
GND
VCC
CLK
DOUT
VREF
ORDER PART
NUMBER
MS8 PART MARKING
S8 PART MARKING
1199L
1199LI
1199
1199I
LTC1199CS8
LTC1199IS8
LTC1199LCS8
LTC1199LIS8
ORDER PART
NUMBER
LTC1199CMS8
LTC1199IMS8
LTC1199LCMS8
LTC1199LIMS8
LTCM
LTWC
TJMAX = 150°C, θJA = 210°C/W
1
2
3
4
CS
+IN
–IN
GND
8
7
6
5
VCC
CLK
DOUT
VREF
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
1
2
3
4
CS
CH0
CH1
GND
8
7
6
5
VCC
CLK
DOUT
DIN
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 210°C/W
TJMAX = 150°C, θJA = 175°C/W
1
2
3
4
8
7
6
5
TOP VIEW
S8 PACKAGE
8-LEAD PLASTIC SO
CS
CH0
CH1
GND
VCC
CLK
DOUT
DIN
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
LTKV
LTKW
LTFL
LTWB
Consult factory for parts specified with wider operating temperature ranges.
RECO
E DED OPERATI G CO DITIO S The q denotes the specifications which apply over
the full operating temperature range, otherwise specifications are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com