Electronic Components Datasheet Search
  English  ▼

X  

LTC1296CCSW Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1296CCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1296CCSW Datasheet(HTML) 1 Page - Linear Technology

  LTC1296CCSW Datasheet HTML 1Page - Linear Technology LTC1296CCSW Datasheet HTML 2Page - Linear Technology LTC1296CCSW Datasheet HTML 3Page - Linear Technology LTC1296CCSW Datasheet HTML 4Page - Linear Technology LTC1296CCSW Datasheet HTML 5Page - Linear Technology LTC1296CCSW Datasheet HTML 6Page - Linear Technology LTC1296CCSW Datasheet HTML 7Page - Linear Technology LTC1296CCSW Datasheet HTML 8Page - Linear Technology LTC1296CCSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LTC1293/LTC1294/LTC1296
129346fs
Single Chip 12-Bit
Data Acquisition System
The LTC1293/4/6 is a family of data acquisition systems
which contain a serial I/O successive approximation A/D
converter. It uses LTCMOS
TM switched capacitor technol-
ogy to perform either 12-bit unipolar, or 11-bit plus sign
bipolar A/D conversions. The input multiplexer can be
configured for either single ended or differential inputs (or
combinations thereof). An on-chip sample and hold is
included for all single ended input channels. When the
LTC1293/4/6 is idle it can be powered down in applica-
tions where low power consumption is desired. The
LTC1296 includes a System Shutdown Output pin which
can be used to power down external circuitry, such as
signal conditioning circuitry prior to the input mux.
The serial I/O is designed to communicate without external
hardware to most MPU serial ports and all MPU parallel
I/O ports allowing up to eight channels of data to be
transmitted over as few as three wires.
DESCRIPTIO
S
FEATURE
■ Software Programmable Features
Unipolar/Bipolar Conversion
Differential/Single Ended Inputs
MSB-First or MSB/LSB Data Sequence
Power Shutdown
■
Built-In Sample and Hold
■ Single Supply 5V or
±5V Operation
■ Direct 4-Wire Interface to Most MPU Serial
Ports and All MPU Parallel Ports
■ 46.5kHz Maximum Throughput Rate
■ System Shutdown Output (LTC1296)
APPLICATI
TYPICAL
12-Bit Data Acquisition System with Power Shutdown
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGND
–
+
RB
5.1k
R2
1.2M
R1
10k
1/4 LT1014
R2
1.2M
C2
1
µF
350
Ω STRAIN
GAUGE BRIDGE
+5V
47
µF
1N4148
MPU
LTC1296
VCC
SSO
CLK
CS
DOUT
DIN
REF+
REF–
AGND
V–
THREE ADDITIONAL STRAIN GAUGE INPUTS
CAN BE ACCOMMODATED USING THE OTHER
AMPLIFIERS IN THE LT1014
LTC1293 TA01
2N3906
74HC04
■
Resolution: 12 Bits
■ Fast Conversion Time: 12
µs Max Over Temp
■ Low Supply Current: 6.0mA
LTCMOS
TM is a trademark of Linear Technology Corporation
KEY SPECIFICATIO S


Similar Part No. - LTC1296CCSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1296CCSW LINER-LTC1296CCSW Datasheet
373Kb / 28P
Single Chip 12-Bit Data Acquisition System
LTC1296CCSW LINER-LTC1296CCSW Datasheet
373Kb / 28P
Single Chip 12-Bit Data Acquisition System
More results

Similar Description - LTC1296CCSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_1 Datasheet
333Kb / 20P
Single Chip 12-Bit Data Acquisition System
LTC1296CCSW LINER-LTC1296CCSW Datasheet
373Kb / 28P
Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
Single Chip 12-Bit Data Acquisition System
LTC1294 LINER-LTC1294_15 Datasheet
394Kb / 28P
Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com