Electronic Components Datasheet Search
  English  ▼

X  

LTC1443CS Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1443CS
Description  Ultralow Power Quad omparators with Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1443CS Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1443CS Datasheet HTML 6Page - Linear Technology LTC1443CS Datasheet HTML 7Page - Linear Technology LTC1443CS Datasheet HTML 8Page - Linear Technology LTC1443CS Datasheet HTML 9Page - Linear Technology LTC1443CS Datasheet HTML 10Page - Linear Technology LTC1443CS Datasheet HTML 11Page - Linear Technology LTC1443CS Datasheet HTML 12Page - Linear Technology LTC1443CS Datasheet HTML 13Page - Linear Technology LTC1443CS Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
LTC1443/LTC1444/LTC1445
14
144345fe
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 1995
LT 0512 REV E • PRINTED IN USA
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LTC1041
Bang-Bang Controller with 1nA Off Current
2.8V to 18V, Ideal for Temperature or Motor Control Circuit
LTC1042
Micropower, High Accuracy Window Comparator
Fault Detect, Go/No Go Test, Supply Monitor
LTC1440/LTC1540
Ultralow Power Comparator with Reference
1.128V ±1% Reference, ±10mV (Max) Input Offset
LTC1441/LTC1442
Dual Ultralow Power Comparators with Reference
1.182V ±1% Reference, 8µs Prop Delay, 5.7µA
LTC1541/LTC1542
Combined Amplifier, Comparator and Reference
1.2V ±0.8 Reference, Amplifier Stable with 1000pF Load
LTC1842/LTC1843
Dual Ultralow Power Comparators with Reference
1.182V ±1% Reference, 4µs, 3.5µA, Open-Drain Out
LTC1921
Dual Independent Monitors for –48V Supply and Fuse
–48V Telecom and Network Backplane Monitor
LTC1998
High Accuracy Comparator with 1.2V Reference
Adjustable Threshold and Hysteresis, 2.5mA Supply
LT®6700
Dual Comparators with 400mV Reference
1.4V to 18V Operation, 18µs Prop Delay,
Available in SOT-23 and 2mm
× 3mm DFN Packages
LT6703
Single Comparator with 400mV Reference
1.4V to 18V Operation, 6.5µA Supply Current,
Available in SOT-23 and 2mm
× 2mm DFN Packages
Single Cell to 5V Supply
NC
NC
3
6
7
5
4
11
10
3
1
4
6
2, 4
16
15
13
12
144345 TA03
7
5
1
2
3
14
8
REF
C2, C3: AUX TPSD107M010R0100 OR
SANYO OS-CON 16SA100M
R5
51k
5%
2
8
1
C2
100µF
C3
100µF
R8
732k
1%
R9
267k
1%
PWR GND
GND
VIN
SW
L1
10µH
SUMIDA
CD54-100
D1
1N5817
ILIM
SEL
SENSE
SHDN
LT1300
Q1
MMFT2955ETI
C1
1µF
R10
3.37M
5%
R11
51k
5%
R12
51k
5%
–
+
C
1/4 LTC1444
–
+
A
1/4 LTC1444
–
+
D
1/4 LTC1444
C4
0.22µF
VCC
µP
NMI
RESET
R7
51k
5%
R2
82.5k
1%
R1
1.1M
5%
R3
1M
1%
1 CELL
LITHIUM-
ION
BATTERY
R4
2.4M
5%
R6
430
5%
LTC1444
REF
B
1/4 LTC1444
HYST
V+
+
+
1.2V
9
+–
V–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com