Electronic Components Datasheet Search
  English  ▼

X  

LTC1296BCSW Datasheet(PDF) 25 Page - Linear Technology

Part # LTC1296BCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1296BCSW Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC1296BCSW Datasheet HTML 20Page - Linear Technology LTC1296BCSW Datasheet HTML 21Page - Linear Technology LTC1296BCSW Datasheet HTML 22Page - Linear Technology LTC1296BCSW Datasheet HTML 23Page - Linear Technology LTC1296BCSW Datasheet HTML 24Page - Linear Technology LTC1296BCSW Datasheet HTML 25Page - Linear Technology LTC1296BCSW Datasheet HTML 26Page - Linear Technology LTC1296BCSW Datasheet HTML 27Page - Linear Technology LTC1296BCSW Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
25
LTC1293/LTC1294/LTC1296
129346fs
Unipolar conversion is requested and the data is output
MSB first. CS is driven at 1/64 the clock rate by the CD4520
and DOUT outputs the data. The output data from the DOUT
pin can be viewed on an oscilloscope that is set up to
trigger on the falling edge of CS (Figure 24).
VERTICAL: 5V/DIV
HORIZONTAL: 2
µs/DIV
CLK
FILLS
ZEROES
LSB
(B0)
NULL
BIT
MSB
(B11)
Figure 24. Scope Trace of the
LTC1294/6 “Quick Look” Circuit
Showing A/D Output
101010101010 (AAAHEX)
LTC1293 TA03
1k
22
µF
TANTALUM
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGND
DVCC
AVCC
CLK
CS
DOUT
DIN
REF+
REF–
AGND
V–
LTC1294
–
+
TO/FROM
68HC11
PROCESSOR
+15V
A2
LT1006
30.1k**
1
µF
3.92M**
500k
ZERO
°C TRIM
+15V
–
+
A1
LT1101
A=10
+15V
5VOUT
10
µF
500k
400
°C TRIM
12.5k*
12k*
1k*
+
Rplat.
* TRW-IRC MAR-6 RESISTOR – 0.1%
** 1% FILM RESISTOR
Rplat. = 1k
Ω AT 0°C – ROSEMOUNT #118MF
LT1027
Digitally Linearized Platinum RTD Signal Conditioner
TO
OSCILLOSCOPE
LTC1293 F23
CLK
EN
Q1
Q2
Q3
Q4
RESET
VSS
VDD
RESET
Q4
Q3
Q2
Q1
EN
CLK
VIN
f/64
+5V
CLOCK IN
1MHz MAX
22
µF
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGND
DVCC
AVCC
CLK
CS
DOUT
DIN
REF+
REF–
AGND
V–
LTC1294
f
CD4520
Figure 23. “Quick Look” Circuit for the LTC1294/6
S
APPLICATI
TYPICAL
A “Quick Look” Circuit for the LTC1294/6
Users can get a quick look at the function and timing of the
LTC1294/6 by using the following simple circuit (Figure
23). VREF is tied to VCC. DIN is tied high which means VIN
should be applied to the CH7 with respect to COM. A
S
APPLICATI
I FOR ATIO
CS
D
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com