Electronic Components Datasheet Search
  English  ▼

X  

LTC1871 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1871
Description  Wide Input Range, No RSENSE Current Mode Boost,
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1871 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1871 Datasheet HTML 14Page - Linear Technology LTC1871 Datasheet HTML 15Page - Linear Technology LTC1871 Datasheet HTML 16Page - Linear Technology LTC1871 Datasheet HTML 17Page - Linear Technology LTC1871 Datasheet HTML 18Page - Linear Technology LTC1871 Datasheet HTML 19Page - Linear Technology LTC1871 Datasheet HTML 20Page - Linear Technology LTC1871 Datasheet HTML 21Page - Linear Technology LTC1871 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
LTC1871
18
1871fe
APPLICATIONS INFORMATION
Boost Converter: Input Capacitor Selection
The input capacitor of a boost converter is less critical
than the output capacitor, due to the fact that the inductor
is in series with the input and the input current waveform
is continuous (see Figure 12b). The input voltage source
impedance determines the size of the input capacitor,
which is typically in the range of 10μF to 100μF. A low ESR
capacitor is recommended, although it is not as critical as
for the output capacitor.
The RMS input capacitor ripple current for a boost con-
verter is:
IRMS(CIN) = 0.3 •
VIN(MIN)
L• f
•DMAX
Please note that the input capacitor can see a very high
surge current when a battery is suddenly connected to
the input of the converter and solid tantalum capacitors
can fail catastrophically under these conditions. Be sure
to specify surge-tested capacitors!
Burst Mode Operation and Considerations
The choice of MOSFET RDS(ON) and inductor value also
determines the load current at which the LTC1871 enters
Burst Mode operation. When bursting, the controller
clamps the peak inductor current to approximately:
IBURST(PEAK) =
30mV
RDS(ON)
which represents about 20% of the maximum 150mV
SENSE pin voltage. The corresponding average current
depends upon the amount of ripple current. Lower inductor
values (higher ΔIL) will reduce the load current at which
Burst Mode operations begins, since it is the peak current
that is being clamped.
The output voltage ripple can increase during Burst Mode
operation if ΔIL is substantially less than IBURST. This can
occur if the input voltage is very low or if a very large
inductor is chosen. At high duty cycles, a skipped cycle
causes the inductor current to quickly decay to zero.
However, because ΔIL is small, it takes multiple cycles
for the current to ramp back up to IBURST(PEAK). Dur-
ing this inductor charging interval, the output capacitor
must supply the load current and a significant droop in
the output voltage can occur. Generally, it is a good idea
to choose a value of inductor ΔIL between 25% and 40%
of IIN(MAX). The alternative is to either increase the value
of the output capacitor or disable Burst Mode operation
using the MODE/SYNC pin.
Burst Mode operation can be defeated by connecting the
MODE/SYNC pin to a high logic-level voltage (either with
a control input or by connecting this pin to INTVCC). In
this mode, the burst clamp is removed, and the chip can
operate at constant frequency from continuous conduction
mode (CCM) at full load, down into deep discontinuous
conduction mode (DCM) at light load. Prior to skipping
pulses at very light load (i.e., < 5% of full load), the control-
ler will operate with a minimum switch on-time in DCM.
VIN
LD
SW
12a. Circuit Diagram
12b. Inductor and Input Currents
COUT
VOUT
RL
IIN
IL
12c. Switch Current
ISW
tON
12d. Diode and Output Currents
12e. Output Voltage Ripple Waveform
IO
ID
VOUT
(AC)
tOFF
ΔVESR
RINGING DUE TO
TOTAL INDUCTANCE
(BOARD + CAP)
ΔVCOUT
Figure 12. Switching Waveforms for a Boost Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com