Electronic Components Datasheet Search
  English  ▼

X  

AD9708-EB Datasheet(PDF) 10 Page - Analog Devices

Part # AD9708-EB
Description  8-Bit, 100 MSPS TxDAC D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9708-EB Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9708-EB Datasheet HTML 6Page - Analog Devices AD9708-EB Datasheet HTML 7Page - Analog Devices AD9708-EB Datasheet HTML 8Page - Analog Devices AD9708-EB Datasheet HTML 9Page - Analog Devices AD9708-EB Datasheet HTML 10Page - Analog Devices AD9708-EB Datasheet HTML 11Page - Analog Devices AD9708-EB Datasheet HTML 12Page - Analog Devices AD9708-EB Datasheet HTML 13Page - Analog Devices AD9708-EB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD9708
–10–
REV. B
POWER DISSIPATION
The power dissipation, PD, of the AD9708 is dependent on
several factors, including: (1) AVDD and DVDD, the power
supply voltages; (2) IOUTFS, the full-scale current output; (3)
fCLOCK, the update rate; (4) and the reconstructed digital input
waveform. The power dissipation is directly proportional to the
analog supply current, IAVDD, and the digital supply current,
IDVDD. IAVDD is directly proportional to IOUTFS, as shown in
Figure 19, and is insensitive to fCLOCK.
Conversely, IDVDD is dependent on both the digital input wave-
form, fCLOCK, and digital supply DVDD. Figures 20 and 21
show IDVDD as a function of full-scale sine wave output ratios
(fOUT/fCLOCK) for various update rates with DVDD = 5 V and
DVDD = 3 V, respectively. Note, how IDVDD is reduced by more
than a factor of 2 when DVDD is reduced from 5 V to 3 V.
APPLYING THE AD9708
Power and Grounding Considerations
In systems seeking to simultaneously achieve high speed and
high performance, the implementation and construction of the
printed circuit board design is often as important as the circuit
design. Proper RF techniques must be used in device selection
placement and routing and supply bypassing and grounding.
The evaluation board for the AD9708, which uses a four layer
PC board, serves as a good example for the above mentioned
considerations. The evaluation board provides an illustration of
the recommended printed circuit board ground, power and
signal plane layouts.
Proper grounding and decoupling should be a primary objective
in any high speed system. The AD9708 features separate analog
and digital supply and ground pins to optimize the management
of analog and digital ground currents in a system. In general,
AVDD, the analog supply, should be decoupled to ACOM, the
analog common, as close to the chip as physically possible. Simi-
larly, DVDD, the digital supply, should be decoupled to DCOM
as close as physically as possible.
For those applications requiring a single +5 V or +3 V supply
for both the analog and digital supply, a clean analog supply
may be generated using the circuit shown in Figure 22. The
circuit consists of a differential LC filter with separate power
supply and return lines. Lower noise can be attained using low
ESR type electrolytic and tantalum capacitors.
IOUTFS – mA
30
0
220
46
8
10
12
14
16
18
25
20
15
10
5
Figure 19. IAVDD vs. IOUTFS
RATIO (fOUT/fCLK)
18
16
0
0.01
1
0.1
8
6
4
2
12
10
14
5MSPS
25MSPS
50MSPS
100MSPS
125MSPS
Figure 20. IDVDD vs. Ratio
@ DVDD = 5 V
100 F
ELECT.
10-22 F
TANT.
0.1 F
CER.
TTL/CMOS
LOGIC
CIRCUITS
+5V OR +3V
POWER SUPPLY
FERRITE
BEADS
AVDD
ACOM
Figure 22. Differential LC Filter for Single +5 V or +3 V
Applications
Maintaining low noise on power supplies and ground is critical
to obtaining optimum results from the AD9708. If properly
implemented, ground planes can perform a host of functions on
high speed circuit boards: bypassing, shielding, current trans-
port, etc. In mixed signal design, the analog and digital portions
of the board should be distinct from each other, with the analog
ground plane confined to the areas covering the analog signal
traces, and the digital ground plane confined to areas covering
the digital interconnects.
All analog ground pins of the DAC, reference and other analog
components, should be tied directly to the analog ground plane.
The two ground planes should be connected by a path 1/8 to
1/4 inch wide underneath or within 1/2 inch of the DAC to
maintain optimum performance. Care should be taken to ensure
that the ground plane is uninterrupted over crucial signal paths.
On the digital side, this includes the digital input lines running
to the DAC as well as any clock signals. On the analog side, this
includes the DAC output signal, reference signal and the supply
feeders.
The use of wide runs or planes in the routing of power lines is
also recommended. This serves the dual role of providing a low
series impedance power supply to the part, as well as providing
some “free” capacitive decoupling to the appropriate ground
plane. It is essential that care be taken in the layout of signal and
power ground interconnects to avoid inducing extraneous
voltage drops in the signal ground paths. It is recommended that
all connections be short, direct and as physically close to the
package as possible in order to minimize the sharing of conduc-
tion paths between different currents. When runs exceed an inch
in length, strip line techniques with proper termination resistor
RATIO (fOUT/fCLK)
8
0
0.01
1
0.1
6
4
2
5MSPS
25MSPS
50MSPS
100MSPS
125MSPS
Figure 21. IDVDD vs. Ratio
@ DVDD = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com