Electronic Components Datasheet Search
  English  ▼

X  

VLS252015E Datasheet(PDF) 50 Page - TDK Electronics

Part # VLS252015E
Description  Inductors for Power Circuits Wound Ferrite
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLS252015E Datasheet(HTML) 50 Page - TDK Electronics

Back Button VLS252015E Datasheet HTML 45Page - TDK Electronics VLS252015E Datasheet HTML 46Page - TDK Electronics VLS252015E Datasheet HTML 47Page - TDK Electronics VLS252015E Datasheet HTML 48Page - TDK Electronics VLS252015E Datasheet HTML 49Page - TDK Electronics VLS252015E Datasheet HTML 50Page - TDK Electronics VLS252015E Datasheet HTML 51Page - TDK Electronics VLS252015E Datasheet HTML 52Page - TDK Electronics VLS252015E Datasheet HTML 53Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 50 / 53 page
background image
(50/53)
INDUC
T
O
RS
001-01 / 20130731 / inductor_commercial_power_vls_en.fm
• All specifications are subject to change without notice.
VLS-E series 
VLS4012E Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (30% below the nominal value)
Idc2: When based on the temperature increase (Temperature increase of 40°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Measuring
frequency
(MHz)
DC resistance
(
: )
Rated current(A)
Part No.
max.
typ.
(μH)
Tolerance
max.
typ.
Idc1
Idc1
Idc2
1.0
±30%
1.0
0.060
0.050
2.50
2.80
2.65
VLS4012ET-1R0N
1.5
±30%
1.0
0.072
0.060
2.10
2.30
2.45
VLS4012ET-1R5N
2.2
±20%
1.0
0.081
0.067
1.70
1.90
2.20
VLS4012ET-2R2M
3.3
±20%
1.0
0.102
0.085
1.40
1.60
2.00
VLS4012ET-3R3M
4.7
±20%
1.0
0.118
0.098
1.20
1.40
1.90
VLS4012ET-4R7M
6.8
±20%
1.0
0.156
0.130
1.00
1.20
1.60
VLS4012ET-6R8M
10
±20%
1.0
0.228
0.190
0.89
0.99
1.33
VLS4012ET-100M
15
±20%
1.0
0.372
0.310
0.70
0.78
1.05
VLS4012ET-150M
22
±20%
1.0
0.468
0.390
0.63
0.70
0.95
VLS4012ET-220M
33
±20%
1.0
0.804
0.670
0.47
0.53
0.70
VLS4012ET-330M
47
±20%
1.0
1.020
0.850
0.41
0.46
0.61
VLS4012ET-470M
Measurement item
Product No.
Manufacturer
L
4194A
Agilent Technologies
DC resistance
VP-2941A
Panasonic
Rated current Idc1
4285A+42841A+42842C
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com