Electronic Components Datasheet Search
  English  ▼

X  

LTC3404 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3404
Description  1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3404 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3404 Datasheet HTML 2Page - Linear Technology LTC3404 Datasheet HTML 3Page - Linear Technology LTC3404 Datasheet HTML 4Page - Linear Technology LTC3404 Datasheet HTML 5Page - Linear Technology LTC3404 Datasheet HTML 6Page - Linear Technology LTC3404 Datasheet HTML 7Page - Linear Technology LTC3404 Datasheet HTML 8Page - Linear Technology LTC3404 Datasheet HTML 9Page - Linear Technology LTC3404 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC3404
3404fb
RUN (Pin 1): Run Control Input. Forcing this pin below
0.4V shuts down the LTC3404. In shutdown all functions
are disabled drawing < 1
μA supply current. Forcing this
pin above 1.2V enables the LTC3404. Do not leave RUN
floating.
ITH (Pin 2): Error Amplifier Compensation Point. The
current comparator threshold increases with this control
voltage. Nominal voltage range for this pin is from 0.5V
to 1.9V.
VFB (Pin 3): Feedback Pin. Receives the feedback voltage
from an external resistive divider across the output.
GND (Pin 4): Ground Pin.
SW (Pin 5): Switch Node Connection to Inductor. This pin
connects to the drains of the internal main and synchro-
nous power MOSFET switches.
VIN (Pin 6): Main Supply Pin. Must be closely decoupled
to GND, Pin 4.
SYNC/MODE (Pin 7): External Clock Synchronization and
Mode Select Input. To synchronize with an external clock,
apply a clock with a frequency between 1MHz and 1.7MHz.
To select Burst Mode operation, tie to VIN. Grounding this
pin selects pulse skipping mode. Do not leave this pin
floating.
PLL LPF (Pin 8): Output of the Phase Detector and Control
Input of Oscillator. Connect a series RC lowpass network
from this pin to ground if externally synchronized. If
unused, this pin may be left open.
PI FU CTIO S
Load Step Response
Load Step Response
Load Step Response
40
μs/DIV
VIN = 3.6V
VOUT = 1.5V
L = 4.7
μH
CIN = 10μF
COUT = 22μF
ILOAD = 200mA TO 500mA
PULSE SKIPPING MODE
VOUT
100mV/DIV
IL
500mA/DIV
ITH
1V/DIV
3404 G17
40
μs/DIV
VIN = 3.6V
VOUT = 1.5V
L = 4.7
μH
CIN = 10μF
COUT = 22μF
ILOAD = 50mA TO 500mA
PULSE SKIPPING MODE
VOUT
100mV/DIV
IL
500mA/DIV
ITH
1V/DIV
3404 G18
40
μs/DIV
VIN = 3.6V
VOUT = 1.5V
L = 4.7
μH
CIN = 10μF
COUT = 22μF
ILOAD = 50mA TO 500mA
Burst Mode OPERATION
VOUT
100mV/DIV
IL
500mA/DIV
ITH
1V/DIV
3404 G19
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com