Electronic Components Datasheet Search
  English  ▼

X  

LTC3410 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3410
Description  2.25MHz, 300mA Synchronous Step-Down
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3410 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3410 Datasheet HTML 8Page - Linear Technology LTC3410 Datasheet HTML 9Page - Linear Technology LTC3410 Datasheet HTML 10Page - Linear Technology LTC3410 Datasheet HTML 11Page - Linear Technology LTC3410 Datasheet HTML 12Page - Linear Technology LTC3410 Datasheet HTML 13Page - Linear Technology LTC3410 Datasheet HTML 14Page - Linear Technology LTC3410 Datasheet HTML 15Page - Linear Technology LTC3410 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC3410
3410fb
APPLICATIO S I FOR ATIO
Figure 6a
Figure 6b
Figure 6c
ILOAD (mA)
0.1
0
10
20
30
40
50
60
70
80
90
100
10
100
1
1000
3410 F06b
VIN = 3.6V
VIN = 4.2V
VOUT
100mV/DIV
AC COUPLED
IL
200mA/DIV
ILOAD
200mA/DIV
20
µs/DIV
3410 F06c
VIN = 3.6V
VOUT = 3V
ILOAD = 100mA TO 300mA
Substituting VOUT = 3V, VIN = 4.2V, ∆IL = 100mA
and f = 2.25MHz in Equation (3) gives:
L
V
MHz
mA
V
V
H
=
−
⎛
⎝⎜
⎞
⎠⎟
=
3
2 25
100
1
3
42
38
.(
)
.
.
µ
A 4.7
µH inductor works well for this application. For best
efficiency choose a 350mA or greater inductor with less
than 0.3
Ω series resistance.
CIN will require an RMS current rating of at least 0.125A ≅
ILOAD(MAX)/2 at temperature and COUT will require an ESR
of less than 0.5
Ω. In most cases, a ceramic capacitor will
satisfy this requirement. From Table 2, Capacitance Selec-
tion, COUT = 10µF and CIN = 4.7µF.
For the feedback resistors, choose R1 = 301k. R2 can
then be calculated from equation (2) to be:
R
V
R
k use
k
OUT
2
08
1 1 827 8
825
=
−
⎛
⎝⎜
⎞
⎠⎟
=
.
.;
Figure 6 shows the complete circuit along with its
efficiency curve.
VIN
CIN
††
4.7
µF
CER
VIN
2.7V
TO 4.2V
LTC3410
RUN
3
4.7
µH*
10pF
825k
301k
3410 F06a
6
4
1
2, 5
SW
VFB
GND
COUT
†
10
µF
CER
VOUT
3V
†TAIYO YUDEN JMK212BJ106
††TAIYO YUDEN JMK212BJ475
*MURATA LQH32CN4R7M23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com