Electronic Components Datasheet Search
  English  ▼

X  

ADP3330ART-3 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3330ART-3
Description  High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3330ART-3 Datasheet(HTML) 1 Page - Analog Devices

  ADP3330ART-3 Datasheet HTML 1Page - Analog Devices ADP3330ART-3 Datasheet HTML 2Page - Analog Devices ADP3330ART-3 Datasheet HTML 3Page - Analog Devices ADP3330ART-3 Datasheet HTML 4Page - Analog Devices ADP3330ART-3 Datasheet HTML 5Page - Analog Devices ADP3330ART-3 Datasheet HTML 6Page - Analog Devices ADP3330ART-3 Datasheet HTML 7Page - Analog Devices ADP3330ART-3 Datasheet HTML 8Page - Analog Devices ADP3330ART-3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
a
ADP3330
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
High Accuracy Ultralow IQ,
200 mA, SOT-23, anyCAP™
Low Dropout Regulator
FUNCTIONAL BLOCK DIAGRAM
THERMAL
PROTECTION
CC
IN
ADP3330
OUT
R1
R2
GND
Q1
SD
BANDGAP
REF
DRIVER
gm
ERR
FEATURES
High Accuracy Over Line and Load:
0.7% @ +25 C,
1.4% Over Temperature
Ultralow Dropout Voltage: 140 mV (Typ) @ 200 mA
Requires Only CO = 0.47
F for Stability
anyCAP = Stable with Any Type of Capacitor
(Including MLCC)
Current and Thermal Limiting
Low Noise
Low Shutdown Current: <2
A
2.9 V to 12 V Supply Range
–40 C to +85 C Ambient Temperature Range
Ultrasmall Thermally Enhanced Chip-on-Lead™
SOT-23-6 6-Lead Package
APPLICATIONS
Cellular Telephones
Notebook, Palmtop Computers
Battery Powered Systems
PCMCIA Regulator
Bar Code Scanners
Camcorders, Cameras
GENERAL DESCRIPTION
The ADP3330 is a member of the ADP330x family of precision
low dropout anyCAP voltage regulators. The ADP3330 operates
with an input voltage range of 2.9 V to 12 V and delivers a load
current up to 200 mA. The ADP3330 stands out from the con-
ventional LDOs with a novel architecture and an enhanced
process that enables it to offer performance advantages and
higher output current than its competition. Its patented design
requires only a 0.47
µF output capacitor for stability. This
device is insensitive to output capacitor Equivalent Series
Resistance (ESR), and is stable with any good quality capaci-
tor, including ceramic (MLCC) types for space-restricted
applications. The ADP3330 achieves exceptional accuracy of
±0.7% at room temperature and ±1.4% over temperature, line
and load variations. The dropout voltage of the ADP3330 is
only 140 mV (typical) at 200 mA. This device also includes a
safety current limit, thermal overload protection and a shutdown
feature. In shutdown mode, the ground current is reduced to
less than 2
µA. The ADP3330 has ultralow quiescent current
34
µA (typ) in light load situations.
anyCAP and Chip-on-Lead are trademarks of Analog Devices, Inc.
VOUT
VIN
+
–
ADP3330
NR
OUT
ERR
ON
OFF
SD
GND
IN
COUT
0.47 F
CIN
0.47 F
+
–
Figure 1. Typical Application Circuit
The SOT-23-6 package has been thermally enhanced using
Analog Devices’ proprietary Chip-on-Lead feature to maximize
power dissipation.


Similar Part No. - ADP3330ART-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3330ART-3 AD-ADP3330ART-3 Datasheet
137Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV.A
ADP3330ART-3 AD-ADP3330ART-3 Datasheet
141Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ART-3 AD-ADP3330ART-3 Datasheet
127Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ART-3 AD-ADP3330ART-3 Datasheet
127Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ART-3.3 AD-ADP3330ART-3.3 Datasheet
141Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
More results

Similar Description - ADP3330ART-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3330 AD-ADP3330 Datasheet
137Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV.A
ADP3331 AD-ADP3331 Datasheet
135Kb / 8P
Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV.0
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV.0
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3330ARTZ-2.75R7 AD-ADP3330ARTZ-2.75R7 Datasheet
141Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. A
ADP3330ART-3.6 AD-ADP3330ART-3.6 Datasheet
141Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3330ART-33-RL7 AD-ADP3330ART-33-RL7 Datasheet
127Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3330ARTZ-5-RL7 AD-ADP3330ARTZ-5-RL7 Datasheet
127Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator
REV. A
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com