Electronic Components Datasheet Search
  English  ▼

X  

DAC8512EP Datasheet(PDF) 5 Page - Analog Devices

Part # DAC8512EP
Description  5 V, Serial Input Complete 12-Bit DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8512EP Datasheet(HTML) 5 Page - Analog Devices

  DAC8512EP Datasheet HTML 1Page - Analog Devices DAC8512EP Datasheet HTML 2Page - Analog Devices DAC8512EP Datasheet HTML 3Page - Analog Devices DAC8512EP Datasheet HTML 4Page - Analog Devices DAC8512EP Datasheet HTML 5Page - Analog Devices DAC8512EP Datasheet HTML 6Page - Analog Devices DAC8512EP Datasheet HTML 7Page - Analog Devices DAC8512EP Datasheet HTML 8Page - Analog Devices DAC8512EP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DAC8512
–5–
REV. A
PIN CONFIGURATIONS
SO-8
P-DIP-8 & Cerdip-8
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
DAC8512
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
DAC8512
VOUT
GND
CLR
LD
VDD
CLK
SDI
CS
VOUT
GND
CLR
LD
VDD
CLK
SDI
CS
PIN DESCRIPTIONS
Pin
Name
Description
1VDD
Positive Supply. Nominal value +5 V,
± 5%.
2
CS
Chip Select. Active low input.
3
CLK
Clock input for the internal serial input shift register.
4
SDI
Serial Data Input. Data on this pin is clocked into the
internal serial register on positive clock edges of the
CLK pin. The Most Significant Bit (MSB) is loaded
first.
5
LD
Active low input which writes the serial register data
into the DAC register. Asynchronous input.
6
CLR
Active low digital input that clears the DAC register to
zero, setting the DAC to minimum scale. Asynchronous
input.
7
GND Analog ground for the DAC. This also serves as the
digital logic ground reference voltage.
8VOUT
Voltage output from the DAC. Fixed output voltage
range of 0 V to 4.095 V with 1 mV/LSB. An internal
temperature stabilized reference maintains a fixed
full-scale voltage independent of time, temperature and
power supply variations.
DICE CHARACTERISTICS
SUBSTRATE IS COMMON WITH V
DD
.
NUMBER OF TRANSISTORS : 642
DIE SIZE: 0.055 inch
× 0.106 inch; 5830 sq mils
1
2
3
4
5
6
7
7
8
V
DD
CS
CLK
SDI
LD
CLR
GND
GND
V
OUT
OPERATION
The DAC8512 is a complete ready to use 12-bit digital-to-analog
converter. It contains a voltage-switched, 12-bit, laser-trimmed
DAC, a curvature-corrected bandgap reference, a rail-to-rail
output op amp, a DAC register, and a serial data input register.
The serial data interface consists of a CLK, serial data in (SDI),
and a load strobe (LD). This basic 3-wire interface offers maxi-
mum flexibility for interface to the widest variety of serial data
input loading requirements. In addition a CS select is provided
for multiple packaging loading and a power on reset CLR pin to
simplify start or periodic resets.
D/A CONVERTER SECTION
The DAC is a 12-bit voltage mode device with an output that
swings from GND potential to the 2.5 volt internal bandgap
voltage. It uses a laser trimmed R-2R ladder which is switched
by N channel MOSFETs. The output voltage of the DAC has a
constant resistance independent of digital input code. The DAC
output is internally connected to the rail-to-rail output op amp.
AMPLIFIER SECTION
The DAC’s output is buffered by a low power consumption pre-
cision amplifier. This amplifier contains a differential PNP pair
input stage which provides low offset voltage and low noise, as
well as the ability to amplify the zero-scale DAC output volt-
ages. The rail-to-rail amplifier is configured in a gain of 1.6384
(= 4.095 V/2.5 V) in order to set the 4.095 volt full-scale output
(1 mV/LSB). See Figure 3 for an equivalent circuit schematic of
the analog section.
R1
R2
VOUT
RAIL-TO-RAIL
OUTPUT
AMPLIFIER
R
BANDGAP
REFERENCE
2R
R
2R
2R
2R
SPDT
N-CH FET
SWITCHES
2R
AV = 4.095/2.5
= 1.638V/V
VOLTAGE SWITCHED 12-BIT
R-2R D/A CONVERTER
BUFFER
2.5V
Figure 3. Equivalent DAC8512 Schematic of Analog
Portion
The op amp has a 16
µs typical settling time to 0.01%. There
are slight differences in settling time for negative slowing signals
vs. positive. See the oscilloscope photos in the typical perfor-
mances section of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com