Electronic Components Datasheet Search
  English  ▼

X  

DBCRJS44B Datasheet(PDF) 1 Page - Dubilier

Part # DBCRJS44B
Description  NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCRJS44B Datasheet(HTML) 1 Page - Dubilier

  DBCRJS44B Datasheet HTML 1Page - Dubilier DBCRJS44B Datasheet HTML 2Page - Dubilier DBCRJS44B Datasheet HTML 3Page - Dubilier DBCRJS44B Datasheet HTML 4Page - Dubilier DBCRJS44B Datasheet HTML 5Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
351
NETWORKING SOCKETS
LOW PROFILE SIDE ENTRY PCB JACK
ORDERING INFORMATION
4 - 10 way available
Board Solderable
Competitively priced
SPECIFICATION
Current Rating
3A
Contact Resistance
30mΩ max at DC 100mA
Dielectric withstanding Voltage
AC 500V for 1 minute
Insulation Resistance
1000mΩ min at DC 500V
Plating
Selective gold plating over Nickel Tin plate on solder foils
Housing
UL94V0 Standard
Colour
Grey
Contact
0.35mm Phosphor Bronze
Operating Temperature
-55˚C to +105˚C
DBC
RJ
S
44
Dubilier
Connectors
Series
Contact Type
S = Socket
Style
D = Low Profile
Side Entry PCB
Jack
D
No. of Ways x
No. of loaded
contacts
4 x 4
6 x 6
8 x 8
10 x 10
OUTLINE DRAWING
12.20
9.36
12.00
6
5
4
3
2
1
10.00
7.80
12.00
4 Positions
6 Positions
4
3
2
1
13.00
6.00
1.02
0.76ø
5.08
2.36ø
12.00
10.00
4 Positions
6 Positions
Recommended hole pattern
3.46
www.dubilier.co.uk


Similar Part No. - DBCRJS44B

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRJS44B DUBILIER-DBCRJS44B Datasheet
110Kb / 1P
NETWORKING SOCKETS MODULAR SOCKET - MINI LOW PROFILE
More results

Similar Description - DBCRJS44B

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRJ20ES10011 DUBILIER-DBCRJ20ES10011 Datasheet
711Kb / 1P
NETWORKING SOCKETS TOP ENTRY PCB JACK
DBCRJS44D DUBILIER-DBCRJS44D Datasheet
71Kb / 1P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS64G DUBILIER-DBCRJS64G Datasheet
77Kb / 1P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY - SMT
DBCRJS64H DUBILIER-DBCRJS64H Datasheet
74Kb / 1P
NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK - SHIELDED
DBCRJS66C DUBILIER-DBCRJS66C Datasheet
82Kb / 1P
NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS86F DUBILIER-DBCRJS86F Datasheet
71Kb / 1P
NETWORKING SOCKETS TOP ENTRY PCB JACK
DBCRJS88E DUBILIER-DBCRJS88E Datasheet
72Kb / 1P
NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK (A)
DBCRJS66C DUBILIER-DBCRJS66C_11 Datasheet
151Kb / 1P
NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS64H DUBILIER-DBCRJS64H_11 Datasheet
128Kb / 1P
NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK - SHIELDED
DBCRJS86F DUBILIER-DBCRJS86F_11 Datasheet
705Kb / 2P
NETWORKING SOCKETS TOP ENTRY PCB JACK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com