Electronic Components Datasheet Search
  English  ▼

X  

THS4221DBVT Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # THS4221DBVT
Description  LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4221DBVT Datasheet(HTML) 23 Page - Texas Instruments

Back Button THS4221DBVT Datasheet HTML 19Page - Texas Instruments THS4221DBVT Datasheet HTML 20Page - Texas Instruments THS4221DBVT Datasheet HTML 21Page - Texas Instruments THS4221DBVT Datasheet HTML 22Page - Texas Instruments THS4221DBVT Datasheet HTML 23Page - Texas Instruments THS4221DBVT Datasheet HTML 24Page - Texas Instruments THS4221DBVT Datasheet HTML 25Page - Texas Instruments THS4221DBVT Datasheet HTML 26Page - Texas Instruments THS4221DBVT Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
THS4221, THS4225
THS4222, THS4226
SLOS399G − AUGUST 2002 − REVISED JANUARY 2004
www.ti.com
23
Computer simulation of circuit performance using SPICE
is often useful when analyzing the performance of analog
circuits and systems. This is particularly true for video and
RF amplifier circuits where parasitic capacitance and
inductance can have a major effect on circuit performance.
A SPICE model for the THS4222 family is available
through the Texas Instruments web site (www.ti.com). The
PIC is also available for design assistance and detailed
product information. These models do a good job of
predicting small-signal ac and transient performance
under a wide variety of operating conditions. They are not
intended to model the distortion characteristics of the
amplifier, nor do they attempt to distinguish between the
package types in their small-signal ac performance.
Detailed information about what is and is not modeled is
contained in the model file itself.
ADDITIONAL REFERENCE MATERIAL
D PowerPAD Made Easy, application brief (SLMA004)
D PowerPAD Thermally Enhanced Package, technical
brief (SLMA002)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com