Electronic Components Datasheet Search
  English  ▼

X  

THS4271 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271
Description  LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS4271 Datasheet HTML 9Page - Texas Instruments THS4271 Datasheet HTML 10Page - Texas Instruments THS4271 Datasheet HTML 11Page - Texas Instruments THS4271 Datasheet HTML 12Page - Texas Instruments THS4271 Datasheet HTML 13Page - Texas Instruments THS4271 Datasheet HTML 14Page - Texas Instruments THS4271 Datasheet HTML 15Page - Texas Instruments THS4271 Datasheet HTML 16Page - Texas Instruments THS4271 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
THS4221, THS4225
THS4222, THS4226
SLOS399G − AUGUST 2002 − REVISED JANUARY 2004
www.ti.com
13
Figure 22
Figure 23
0
0.5
1
1.5
2
2.5
3
3.5
4
−40−30−20−10 0 1020 304050 60708090
Case Temperature − °C
INPUT OFFSET VOLTAGE
vs
CASE TEMPERATURE
VS = ±5 V
VS = 5 V
0
10
20
30
40
50
60
70
80
90
100
−6
−4
−20
2
4
6
VICR − Input Common-Mode Voltage Range − V
COMMON-MODE REJECTION RATIO
vs
INPUT COMMON-MODE RANGE
VS = ±5 V
TA = 25°C
0.7
0.72
0.74
0.76
0.78
0.8
0.82
0.84
−40−30−20−10 0 1020 3040 5060 708090
−25
−20
−15
−10
−5
0
5
10
INPUT BIAS AND OFFSET CURRENT
vs
CASE TEMPERATURE
VS = 5 V
IIB+
IOS
Case Temperature − °C
IIB−
Figure 24
0.76
0.78
0.8
0.82
0.84
0.86
0.88
0.9
−40−30−20−10 0 1020 30 405060 708090
−30
−25
−20
−15
−10
−5
0
5
INPUT BIAS AND OFFSET CURRENT
vs
CASE TEMPERATURE
VS = ±5 V
IIB+
IOS
Case Temperature − °C
IIB−
Figure 25
Figure 26
100
200
300
400
500
600
700
800
900
1000
1.5
2
2.5
3
3.5
4
4.5
5
VS − Supply Voltage − ±V
POWER-DOWN QUIESCENT CURRENT
vs
SUPPLY VOLTAGE
0
TA = 85°C
TA = −40°C
TA = 25°C
Figure 27
0
400
800
1200
1600
2000
2400
2800
3200
0.1
1
10
100
1 k
OUTPUT IMPEDANCE IN POWER DOWN
vs
FREQUENCY
f − Frequency − MHz
Gain = 2
RL = 499 Ω
Rf = 1.5 kΩ
PIN = 1 dBm
VS = ±5 V
Figure 28
0
20
40
60
80
100
120
0.1
1
10
100
1 k
CROSSTALK
vs
FREQUENCY
f − Frequency − MHz
Crosstalk all Channels
PD Crosstalk
all Channels
VS = ±5 V, 5 V, and 3.3 V
Gain = 1
RL = 499 Ω
VIN= −1 dB
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com