Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA690 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 11Page - Texas Instruments OPA690 Datasheet HTML 12Page - Texas Instruments OPA690 Datasheet HTML 13Page - Texas Instruments OPA690 Datasheet HTML 14Page - Texas Instruments OPA690 Datasheet HTML 15Page - Texas Instruments OPA690 Datasheet HTML 16Page - Texas Instruments OPA690 Datasheet HTML 17Page - Texas Instruments OPA690 Datasheet HTML 18Page - Texas Instruments OPA690 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
THS4221, THS4225
THS4222, THS4226
SLOS399G − AUGUST 2002 − REVISED JANUARY 2004
www.ti.com
15
In the inverting configuration, some key design
considerations must be noted. One is that the gain resistor
(Rg) becomes part of the signal channel input impedance.
If the input impedance matching is desired (which is
beneficial whenever the signal is coupled through a cable,
twisted pair, long PC board trace, or other transmission
line conductors), Rg may be set equal to the required
termination value and Rf adjusted to give the desired gain.
However, care must be taken when dealing with low
inverting gains, as the resultant feedback resistor value
can present a significant load to the amplifier output. For
an inverting gain of 2, setting Rg to 49.9 Ω for input
matching eliminates the need for RM but requires a 100-Ω
feedback resistor. This has an advantage of the noise gain
becoming equal to 2 for a 50-Ω source impedance—the
same as the noninverting circuit in Figure 29. However, the
amplifier output now sees the 100-Ω feedback resistor in
parallel with the external load. To eliminate this excessive
loading, it is preferable to increase both Rg and Rf, values,
as shown in Figure 30, and then achieve the input
matching impedance with a third resistor (RM) to ground.
The total input impedance becomes the parallel
combination of Rg and RM.
The last major consideration to discuss in inverting
amplifier design is setting the bias current cancellation
resistor on the noninverting input. If the resistance is set
equal to the total dc resistance looking out of the inverting
terminal, the output dc error, due to the input bias currents,
is reduced to (input offset current) multiplied by Rf in
Figure 30, the dc source impedance looking out of the
inverting terminal is 1.3 kΩ || (1.3 kΩ + 25.6 Ω) = 649 Ω.
To reduce the additional high-frequency noise introduced
by the resistor at the noninverting input, and power-supply
feedback, RT is bypassed with a capacitor to ground.
SINGLE SUPPLY OPERATION
The THS4222 is designed to operate from a single 3-V to
15-V power supply. When operating from a single power
supply, care must be taken to ensure the input signal and
amplifier are biased appropriately to allow for the
maximum output voltage swing. The circuits shown in
Figure 31 demonstrate methods to configure an amplifier
in a manner conducive for single supply operation.
_
+
THS4222
49.9 Ω
50 Ω Source
VI
+VS
VO
Rf
1.3 kΩ
Rg
1.3 kΩ
+VS
2
+VS
2
_
+
THS4222
1.3 kΩ
50 Ω Source
VI
VS
VO
Rf
1.3 kΩ
52.3 Ω
Rg
499 Ω
RT
499 Ω
RT
+VS
2
+VS
2
Figure 31. DC-Coupled Single Supply Operation
Saving Power With Power-Down Functionality
and Setting Threshold Levels With the Reference
Pin
The THS4225 and THS4226 feature a power-down pin
(PD) which lowers the quiescent current from 14 mA/ch
down to 700 µA/ch, ideal for reducing system power.
The power-down pin of the amplifiers defaults to the
positive supply voltage in the absence of an applied
voltage, putting the amplifier in the power-on mode of
operation. To turn off the amplifier in an effort to conserve
power, the power-down pin can be driven towards the
negative rail. The threshold voltages for power-on and
power-down are relative to the supply rails and given in the
specification tables. Above the Enable Threshold Voltage,
the device is on. Below the Disable Threshold Voltage, the
device is off. Behavior in between these threshold voltages
is not specified.
Note that this power-down functionality is just that; the
amplifier consumes less power in power-down mode. The
power-down mode is not intended to provide a high-
impedance output. In other words, the power-down
functionality is not intended to allow use as a 3-state bus
driver. When in power-down mode, the impedance looking
back into the output of the amplifier is dominated by the
feedback and gain setting resistors, but the output
impedance of the device itself varies depending on the
voltage applied to the outputs.
The time delays associated with turning the device on and
off are specified as the time it takes for the amplifier to
reach 50% of the nominal quiescent current. The time
delays are on the order of microseconds because the
amplifier moves in and out of the linear mode of operation
in these transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com