Electronic Components Datasheet Search
  English  ▼

X  

TL393 Datasheet(PDF) 1 Page - Texas Instruments

Part # TL393
Description  DUAL DIFFERENTIAL COMPARATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL393 Datasheet(HTML) 1 Page - Texas Instruments

  TL393 Datasheet HTML 1Page - Texas Instruments TL393 Datasheet HTML 2Page - Texas Instruments TL393 Datasheet HTML 3Page - Texas Instruments TL393 Datasheet HTML 4Page - Texas Instruments TL393 Datasheet HTML 5Page - Texas Instruments TL393 Datasheet HTML 6Page - Texas Instruments TL393 Datasheet HTML 7Page - Texas Instruments TL393 Datasheet HTML 8Page - Texas Instruments TL393 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TL393, TL393Y
DUAL DIFFERENTIAL COMPARATORS
SLCS120A – AUGUST 1993 – REVISED DECEMBER 1993
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low-Voltage and Single-Supply Operation
VCC = 2 V to 7 V
D Common-Mode Voltage Range That
Includes Ground
description
The TL393 is a dual differential comparator built using a new Texas Instruments-developed bipolar process. The
TL393 is intended as an enhanced alternative to the industry-standard LM393 in circuits with supply-voltage
limits of 7 V.
The new bipolar process allows the TL393 to perform with lower supply-current requirements than the LM393
(0.7 mA typical) while still providing a faster response time than the older device.
Package availability for this device includes the TSSOP (thin-shrink small-outline package). With a maximum
thickness of 1.1 mm and a package area that is 25% smaller than the standard surface-mount package, the
TSSOP is ideal for high-density circuits, particularly in hand-held and portable equipment.
AVAILABLE OPTIONS
SUPPLY
RESPONSE TIME
PACKAGED DEVICES
CHIP FORM
TA
CURRENT
(TYP)
RESPONSE TIME
(TYP)
SMALL OUTLINE
(D)
PLASTIC DIP
(P)
TSSOP
(PW)†
CHIP FORM
(Y)
–40
°C to 105°C
0.7 mA
0.65
µs
TL393ID
TL393IP
TL393IPWLE
TL393Y
† The PW packages are only available left-ended taped and reeled (e.g., TL393IPWLE).
symbol (each comparator)
OUT
IN+
IN –
Copyright
© 1993, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN+
GND
VCC
2OUT
2IN –
2IN+
D, P, OR PW PACKAGE
(TOP VIEW)


Similar Part No. - TL393

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL393 TI-TL393 Datasheet
241Kb / 11P
DUAL DIFFERENTIAL COMPARATORS
logo
Nisshinbo Micro Devices...
TL393 NISSHINBO-TL393 Datasheet
613Kb / 3P
X-band TR Limiter Model No. TL393
Oct. 13, 2022 03E
logo
Texas Instruments
TL393ID TI-TL393ID Datasheet
241Kb / 11P
DUAL DIFFERENTIAL COMPARATORS
TL393IDR TI-TL393IDR Datasheet
241Kb / 11P
DUAL DIFFERENTIAL COMPARATORS
TL393IP TI-TL393IP Datasheet
241Kb / 11P
DUAL DIFFERENTIAL COMPARATORS
More results

Similar Description - TL393

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193 TI-LM193 Datasheet
413Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
TLV1393 TI-TLV1393 Datasheet
254Kb / 16P
DUAL DIFFERENTIAL COMPARATORS
logo
Wing Shing Computer Com...
LM393 WINGS-LM393 Datasheet
79Kb / 3P
Dual Differential Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
DUAL DIFFERENTIAL COMPARATORS
LM193DRG4 TI-LM193DRG4 Datasheet
1Mb / 30P
DUAL DIFFERENTIAL COMPARATORS
NCV2903VDR2G TI-NCV2903VDR2G Datasheet
1Mb / 30P
DUAL DIFFERENTIAL COMPARATORS
LM193 TI1-LM193_16 Datasheet
887Kb / 25P
Dual Differential Comparators
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
Dual Differential Comparators
logo
Shenzhen Huazhimei Semi...
LM393 HMSEMI-LM393 Datasheet
285Kb / 4P
Dual Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com