Electronic Components Datasheet Search
  English  ▼

X  

1DM3 Datasheet(PDF) 3 Page - Honeywell Accelerometers

Part # 1DM3
Description  Snap-in Panel Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

1DM3 Datasheet(HTML) 3 Page - Honeywell Accelerometers

  1DM3 Datasheet HTML 1Page - Honeywell Accelerometers 1DM3 Datasheet HTML 2Page - Honeywell Accelerometers 1DM3 Datasheet HTML 3Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Basic Switches
DM/DP Series
Snap-in Panel Mount
For application help: call 1-800-537-6945.
Honeywell Sensing and Control
91
ORDER GUIDE – DM
Characteristics: F.P. — Free Position; O.P. — Operating Position; O.T. — Overtravel; O.F. — Operating
Force; R.F. — Release Force
O.T.
O.F.
R.F.
F.P.
O.P.
max.
max.
min.
Catalog
Plunger
Faceplate
mm
mm
mm
N
N
Listing
Action
Circuitry
Type/Color
Color
in.
in.
in.
oz.
oz.
1DM1
Momentary
SPDT
Bullet nose/White
White
22,4
19,1
±1,5
9,53
4,17
0,83
.880
.750
±.060
.375
15
3
1DM2
Momentary
SPNC
Bullet nose/White
White
22,4
19,1
±1,5
9,53
4,17
0,83
.880
.750
±.060
.375
15
3
1DM3
Momentary
SPNO
Bullet nose/White
White
22,4
19,1
±1,5
9,53
4,17
0,83
.880
.750
±.060
.375
15
3
1DM18
Momentary
SPDT
Concave/Black
Gray
11,4
—
3,05
4,17
0,83
.450
.120
15
3
1DM19
Momentary
SPDT
Concave/Red
Gray
11,4
—
3,05
4,17
0,83
.450
.120
15
3
1DM21
Momentary
SPDT
Convex/White
White
11,4
9,02
±1,5
3,05
4,17
0,83
.450
.355
±.060
.120
15
3
1DM38
Momentary
SPNO
Convex/White
White
11,4
9,02-1,5
3,05
4,17
0,83
.450
.355
±.060
.120
15
3
1DM301
Push-Pull
SPDT
Finger grip/Black
Gray
24,1
—
15,9
—
—
.950
.625
1DM401**
Pull-to-Cheat
SPDT
Finger grip/White
White
17,8
—
13,2
4,17
0,83
.700
.520
15
3
2DM1
Momentary
DPDT
Bullet nose/Black
Black
22,4
19,6
±1,0
10,2
6,67
1,67
.880
.770
±.040
.400
24
6
2DM5
Momentary
DPDT
Concave/Black
Gray
11,4
—
3,05
6,67
1,67
.450
.120
24
6
2DM6
Momentary
DPDT
Concave/Red
Gray
11,4
—
3,05
6,67
1,67
.450
.120
24
6
2DM301
Push-Pull
DPDT
Finger grip/Black
Gray
24,1
—
15,9
—
—
.950
.625
2DM409
Pull-to-Cheat
DPDT
Finger grip/Black
Black
21,6
18,9
±1,3
15,0
6,67
.850
.745
±.050
.590
24
2001DM1*
Alternate
SPDT
Bullet nose/White
White
22,4
—
15,4
5,56
—
.880
.605
20
* Latch position 16,9 mm
± 0,76 mm (.665 in. ± .030 in.)
** Extended position 23,6 mm (.930 in. max.)
ORDER GUIDE – DP
O.T.
O.F.
R.F.
F.P.
O.P.
max.
max.
min.
Catalog
Plunger
Faceplate
mm
mm
mm
N
N
Listing
Action
Circuitry
Type/Color
Color
in.
in.
in.
oz.
oz.
1DP5
Momentary
SPNO
Bullet nose/White
White
22,4
15,1
±1,5
9,53
4,45
0.83
.880
.595
±.060
.375
16
3
1DP801
Momentary
SPDT
Concave/White
White
11,4
9,0
±1,5
3,0
6,67
0,83
.45
.355
±.060
.120
24
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com