Electronic Components Datasheet Search
  English  ▼

X  

TLC7701IPE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC7701IPE4
Description  Micropower Supply Voltage Supervisors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC7701IPE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC7701IPE4 Datasheet HTML 3Page - Texas Instruments TLC7701IPE4 Datasheet HTML 4Page - Texas Instruments TLC7701IPE4 Datasheet HTML 5Page - Texas Instruments TLC7701IPE4 Datasheet HTML 6Page - Texas Instruments TLC7701IPE4 Datasheet HTML 7Page - Texas Instruments TLC7701IPE4 Datasheet HTML 8Page - Texas Instruments TLC7701IPE4 Datasheet HTML 9Page - Texas Instruments TLC7701IPE4 Datasheet HTML 10Page - Texas Instruments TLC7701IPE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
TLC7701, TLC7725, TLC7703
TLC7733, TLC7705
www.ti.com
SLVS087M – DECEMBER 1994 – REVISED MARCH 2012
ELECTRICAL CHARACTERISTICS
over recommended operating conditions
(1) (unless otherwise noted)
TLC77xxM
PARAMETER
TEST CONDITIONS
UNIT
MIN TYP(2)
MAX
TA = 25°C
1.8
VDD = 2 V
V
TA = –55°C to 125°C
1.7
TA = 25°C
2.5
IOH = –20 µA
VDD = 2.7 V
V
TA = –55°C to 125°C
2.3
High-level output
VOH
voltage
TA = 25°C
4.3
VDD = 4.5 V
V
TA = –55°C to 125°C
4.2
TA = 25°C
3.7
IOH = –2 µA
VDD = 4.5 V
V
TA = –55°C to 125°C
3.6
TA = 25°C
0.2
VDD = 2 V
V
TA = –55°C to 125°C
0.2
TA = 25°C
0.2
IOL = –20 µA
VDD = 2.7 V
V
TA = –55°C to 125°C
0.2
Low-level output
VOL
voltage
TA = 25°C
0.2
VDD = 4.5 V
V
TA = –55°C to 125°C
0.2
IOL = 2 mA
TA = 25°C
0.5
VDD = 4.5 V
V
TA = –55°C to 125°C
0.5
TLC7733
2.86
2.93
3.1
Negative-going input threshold
VIT–
VDD = 2 V to 6 V
V
voltage, SENSE (3)
TLC7705
4.3
4.5
4.8
Vhys
Hysteresis voltage, SENSE
VDD = 2 V to 6 V
70
mV
Vres
Power-up reset voltage(2)
IOL = 20 µA
1
V
RESIN
VI = 0 V to VDD
2
CONTROL
VI = VDD
7
15
II
Input current
µA
SENSE
VI = 5 V
5
10
SENSE, TLC7701 only
VI = 5 V
2
RESIN = VDD,
SENSE = VDD ≥ VITmax + 0.2 V
IDD
Supply current
9
16
µA
CONTROL = 0 V,
Outputs open
TLC7733
VCT = 0 ,
VDD = 3.3 V
250
RESIN = VDD,
120
150
IDD(d) Supply current during td
CONTROL = 0 V,
µA
TLC7705
VDD = 5 V
SENSE = VDD,
Outputs open
CI
Input capacitance, SENSE
VI = 0 V to VDD
50
pF
(1)
All characteristics are measured with CT = 0.1 µF.
(2)
Typical values apply at TA = 25°C.
(3)
To ensure best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1 mF) should be connected near the supply terminals.
Copyright © 1994–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TLC7701, TLC7725, TLC7703 TLC7733, TLC7705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com