Electronic Components Datasheet Search
  English  ▼

X  

HD6413238P Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HD6413238P
Description  Hitachi Single-Chip Microcomputer
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6413238P Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HD6413238P Datasheet HTML 9Page - Renesas Technology Corp HD6413238P Datasheet HTML 10Page - Renesas Technology Corp HD6413238P Datasheet HTML 11Page - Renesas Technology Corp HD6413238P Datasheet HTML 12Page - Renesas Technology Corp HD6413238P Datasheet HTML 13Page - Renesas Technology Corp HD6413238P Datasheet HTML 14Page - Renesas Technology Corp HD6413238P Datasheet HTML 15Page - Renesas Technology Corp HD6413238P Datasheet HTML 16Page - Renesas Technology Corp HD6413238P Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 301 page
background image
Table 1-1. Features (cont.)
Feature
Description
Serial communi-
• Selection of asynchronous and synchronous modes
cation interface
• Simultaneous transmit and receive (full duplex operation)
(SCI: 2 channels) • On-chip baud rate generator
I/O ports
•
53 input/output pins (of which 16 can drive large current loads)
•
All input pins have programmable input pull-ups
Parallel hand-
•
Built-in parallel handshaking is available at port 3
shaking interface
Interrupts
•
Four external interrupt pins: NMI, IRQ0 to IRQ2
•
Seventeen on-chip interrupt sources
Operating modes •
Mode 1: expanded mode with on-chip ROM disabled
•
Mode 2: expanded mode with on-chip ROM enabled
•
Mode 3: single-chip mode
Power-down
•
Sleep mode
state
•
Software standby mode
•
Hardware standby mode
Other features
•
On-chip clock oscillator
•
E clock output
Product lineup
Type code
Type code
(5V series)
(3V series)
Package
ROM
HD6473257C
HD6473257VC
64-Pin windowed shrink DIP
PROM
(DC-64S)
HD6473257P
HD6473257VP
64-Pin shrink DIP (DP-64S)
HD6473257F
HD6473257VF
64-Pin QFP (FP-64A)
HD6473257CP
HD6473257VCP
68-Pin PLCC (CP-68)
HD6433257P
HD6433257VP
64-Pin shrink DIP (DP-64S)
Masked
HD6433257F
HD6433257VF
64-Pin QFP (FP-64A)
ROM
HD6433257CP
HD6433257VCP
68-Pin PLCC (CP-68)
HD6473256P
HD6473256VP
64-Pin shrink DIP (DP-64S)
PROM
HD6473256F
HD6473256VF
64-Pin QFP (FP-64A)
HD6473256CP
HD6473256VCP
68-Pin PLCC (CP-68)
HD6433256P
HD6433256VP
64-Pin shrink DIP (DP-64S)
Masked
HD6433256F
HD6433256VF
64-Pin QFP (FP-64A)
ROM
HD6433256CP
HD6433256VCP
68-Pin PLCC (CP-68)
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com