Electronic Components Datasheet Search
  English  ▼

X  

TLC272IPE4 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TLC272IPE4
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC272IPE4 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLC272IPE4 Datasheet HTML 20Page - Texas Instruments TLC272IPE4 Datasheet HTML 21Page - Texas Instruments TLC272IPE4 Datasheet HTML 22Page - Texas Instruments TLC272IPE4 Datasheet HTML 23Page - Texas Instruments TLC272IPE4 Datasheet HTML 24Page - Texas Instruments TLC272IPE4 Datasheet HTML 25Page - Texas Instruments TLC272IPE4 Datasheet HTML 26Page - Texas Instruments TLC272IPE4 Datasheet HTML 27Page - Texas Instruments TLC272IPE4 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
TLC272, TLC272A, TLC272B, TLC272Y, TLC277
LinCMOS
 PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS091E – OCTOBER 1987 – REVISED FEBRUARY 2002
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 22
INPUT BIAS CURRENT AND INPUT OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
0.1
125
10000
45
65
85
105
1
10
100
1000
25
VDD = 10 V
VIC = 5 V
See Note A
IIB
TA – Free-Air Temperature – °C
IIO
35
55
75
95
115
NOTE A: The typical values of input bias current and input
offset current below 5 pA were determined mathematically.
Figure 23
COMMON-MODE
INPUT VOLTAGE POSITIVE LIMIT
vs
SUPPLY VOLTAGE
0
VDD – Supply Voltage – V
16
16
0
2
4
6
8
10
12
14
2
4
6
8
10
12
14
TA = 25°C
Figure 24
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
0
VDD – Supply Voltage – V
5
16
0
2
4
6
8
10
12
14
1
2
3
4
VO = VDD/2
No Load
TA = – 55°C
0.5
1.5
2.5
3.5
4.5
TA = 70°C
TA = 125°C
TA = 0°C
TA = 25°C
Figure 25
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
– 75
2
125
0
0.5
1
1.5
– 50
– 25
0
25
50
75
100
No Load
VO = VDD/2
VDD = 10 V
VDD = 5 V
2.5
3
3.5
4
TA – Free-Air Temperature – °C
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com