Electronic Components Datasheet Search
  English  ▼

X  

HD6473258P Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # HD6473258P
Description  Hitachi Single-Chip Microcomputer
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6473258P Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button HD6473258P Datasheet HTML 69Page - Renesas Technology Corp HD6473258P Datasheet HTML 70Page - Renesas Technology Corp HD6473258P Datasheet HTML 71Page - Renesas Technology Corp HD6473258P Datasheet HTML 72Page - Renesas Technology Corp HD6473258P Datasheet HTML 73Page - Renesas Technology Corp HD6473258P Datasheet HTML 74Page - Renesas Technology Corp HD6473258P Datasheet HTML 75Page - Renesas Technology Corp HD6473258P Datasheet HTML 76Page - Renesas Technology Corp HD6473258P Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 301 page
background image
4.2.3 Disabling of Interrupts after Reset
All interrupts, including NMI, are disabled immediately after a reset. The first program instruction,
located at the address specified at the top of the vector table, is therefore always executed. To
prevent program crashes, this instruction should initialize the stack pointer (example: MOV.W
#xx:16, SP). After execution of this instruction, the NMI interrupt is enabled. Other interrupts
remain disabled until their enable bits are set to 1.
4.3 Interrupts
4.3.1 Overview
There are four input pins for external interrupts (NMI, IRQ0 to IRQ2). There are also 17 internal
interrupts originating on-chip. The features of these interrupts are:
•
All internal and external interrupts except NMI can be masked by the I bit in the CCR.
•
IRQ0 to IRQ2 can be rising-edge-sensed, falling-edge-sensed, or level-sensed. The type of
sensing can be selected for each interrupt individually. NMI is edge-sensed, and either the rising
or falling edge can be selected.
•
Interrupts are individually vectored. The software interrupt-handling routine does not have to
determine what type of interrupt has occurred.
Table 4-2 lists all the interrupts in their order of priority and gives their vector numbers and the
addresses of their entries in the vector table.
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com