| Electronic Components Datasheet Search |
|
TMS320VC33 Datasheet(PDF) 49 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC33 Datasheet(HTML) 49 Page - Texas Instruments |
|
49 / 58 page ![]() TMS320VC33 DIGITAL SIGNAL PROCESSOR SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004 49 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251--1443 general-purpose I/O timing Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLK0/1. The contents of the internal control registers associated with each peripheral define the modes for these pins. peripheral pin I/O timing The following tables show the timing parameters for changing the peripheral pin from a general-purpose output pin to a general-purpose input pin and vice versa. timing requirements for peripheral pin general-purpose I/O (see Note 1, Figure 35, and Figure 36) VC33-120 VC33-150 UNIT MIN MAX MIN MAX UNIT tsu(GPIO-H1L) Setup time, general-purpose input before H1 low 4 3 ns th(H1L-GPIO) Hold time, general-purpose input after H1 low 0 0 ns NOTE 1: Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLK0/1. The modes of these pins are defined by the contents of internal-control registers associated with each peripheral. switching characteristics over recommended operating conditions for peripheral pin general-purpose I/O (see Note 1, Figure 35, and Figure 36) PARAMETER VC33-120 VC33-150 UNIT PARAMETER MIN MAX MIN MAX UNIT td(H1H-GPIO) Delay time, H1 high to general-purpose output 5 4 ns tdis(H1H) Disable time, general-purpose output from H1 high 7 5 ns NOTE 1: Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLK0/1. The modes of these pins are defined by the contents of internal-control registers associated with each peripheral. Value on Pin Seen in Peripheral- Control Register Synchronizer Delay Buffers Go From Output to Input Execution of Store of Peripheral-Cont rol Register Data Bit I/O Control Bit H1 H3 Output Data Seen Data Sampled Peripheral Pin (see Note A) tsu(GPIO-H1L) th(H1L-GPIO) tdis(H1H) NOTE A: Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLK0/1. Figure 35. Change of Peripheral Pin From General-Purpose Output to Input Mode Timing |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |