Electronic Components Datasheet Search
  English  ▼

X  

mA741 Datasheet(PDF) 8 Page - Texas Instruments

Part # mA741
Description  GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

mA741 Datasheet(HTML) 8 Page - Texas Instruments

Back Button mA741 Datasheet HTML 4Page - Texas Instruments mA741 Datasheet HTML 5Page - Texas Instruments mA741 Datasheet HTML 6Page - Texas Instruments mA741 Datasheet HTML 7Page - Texas Instruments mA741 Datasheet HTML 8Page - Texas Instruments mA741 Datasheet HTML 9Page - Texas Instruments mA741 Datasheet HTML 10Page - Texas Instruments mA741 Datasheet HTML 11Page - Texas Instruments mA741 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
µA741, µA741Y
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS094B – NOVEMBER 1970 – REVISED SEPTEMBER 2000
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 3
TA – Free-Air Temperature – °C
120
80
40
0
–40
20
INPUT OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
VCC – = –15 V
VCC+ = 15 V
90
70
50
30
10
0
40
60
80
100
– 60
– 20
20
60
100
140
Figure 4
400
300
200
100
0
0
40
80
120
TA – Free-Air Temperature – °C
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
VCC – = –15 V
VCC+ = 15 V
350
250
150
50
–40
– 60
– 20
20
60
100
140
RL – Load Resistance – kΩ
10
7
4
2
1
0.7
0.4
0.2
0.1
±4
±5
±6
±7
±8
±9
±10
±11
±12
±13
±14
MAXIMUM PEAK OUTPUT VOLTAGE
vs
LOAD RESISTANCE
VCC+ = 15 V
VCC – = –15 V
TA = 25°C
Figure 5
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com