Electronic Components Datasheet Search
  English  ▼

X  

SN74LS221J Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LS221J
Description  DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LS221J Datasheet(HTML) 1 Page - Texas Instruments

  SN74LS221J Datasheet HTML 1Page - Texas Instruments SN74LS221J Datasheet HTML 2Page - Texas Instruments SN74LS221J Datasheet HTML 3Page - Texas Instruments SN74LS221J Datasheet HTML 4Page - Texas Instruments SN74LS221J Datasheet HTML 5Page - Texas Instruments SN74LS221J Datasheet HTML 6Page - Texas Instruments SN74LS221J Datasheet HTML 7Page - Texas Instruments SN74LS221J Datasheet HTML 8Page - Texas Instruments SN74LS221J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
SN54221, SN54LS221, SN74221, SN74LS221
DUAL MONOSTABLE MULTIVIBRATORS
WITH SCHMITT TRIGGER INPUTS
SDLS213B − DECEMBER 1983 − REVISED NOVEMBER 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Dual Versions of Highly Stable SN54121
and SN74121 One Shots
D SN54221 and SN74221 Demonstrate
Electrical and Switching Characteristics
That Are Virtually Identical to the SN54121
and SN74121 One Shots
D Pinout Is Identical to the SN54123,
SN74123, SN54LS123, and SN74LS123
D Overriding Clear Terminates Output Pulse
TYPE
MAXIMUM
OUTPUT
PULSE
LENGTH(S)
SN54221
21
SN74221
28
SN54LS221
49
SN74LS221
70
description/ordering information
The
’221
and
’LS221
devices
are
dual
multivibrators with performance characteristics
virtually identical to those of the ’121 devices.
Each multivibrator features a negative-transition-
triggered input and a positive-transition-triggered
input, either of which can be used as an inhibit
input.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube
SN74221N
SN74221N
PDIP − N
Tube
SN74LS221N
SN74LS221N
0
°C to 70°C
SOIC − D
Tube
SN74LS221D
LS221
0
°C to 70°C
SOIC − D
Tape and reel
SN74LS221DR
LS221
SOP − NS
Tape and reel
SN74LS221NSR
74LS221
SSOP − DB
Tape and reel
SN74LS221DBR
LS221
CDIP − J
Tube
SNJ54221J
SNJ54221J
−55
°C to 125°C
CDIP − J
Tube
SNJ54LS221J
SNJ54LS221J
−55 C to 125 C
LCCC − FK
Tube
SNJ54LS221FK
SNJ54LS221FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
32
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
1Cext
1Q
NC
2Q
2CLR
1CLR
1Q
NC
2Q
2Cext
1A
1B
1CLR
1Q
2Q
2Cext
2Rext/Cext
GND
VCC
1Rext/Cext
1Cext
1Q
2Q
2CLR
2B
2A
SN54221, SN54LS221 ...J PACKAGE
SN74221 ...N PACKAGE
SN74LS221 . . . D, DB, N, OR NS PACKAGE
(TOP VIEW)
SN54LS221 . . . FK PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC − No internal connection
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74LS221J

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS221 ONSEMI-SN74LS221 Datasheet
120Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
SN74LS221 TI-SN74LS221 Datasheet
208Kb / 23P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LS221 TI-SN74LS221 Datasheet
761Kb / 25P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LS221 TI-SN74LS221 Datasheet
902Kb / 26P
DUAL MONOSTABLE MULTIVIBRATPORS WITH SCHMITT-TRIGGER INPUTS
SN74LS221 TI-SN74LS221 Datasheet
963Kb / 27P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results

Similar Description - SN74LS221J

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS221 MOTOROLA-SN54LS221 Datasheet
193Kb / 7P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN54221 TI-SN54221 Datasheet
208Kb / 23P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Hitachi Semiconductor
HD74HC221 HITACHI-HD74HC221 Datasheet
53Kb / 8P
Dual Monostable Multivibrators (with Schmitt Trigger Input)
logo
Texas Instruments
SN74LV221A TI-SN74LV221A Datasheet
436Kb / 19P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN54LV221A TI-SN54LV221A Datasheet
443Kb / 19P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54221 TI-SN54221_07 Datasheet
761Kb / 25P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A_07 Datasheet
577Kb / 22P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A_08 Datasheet
718Kb / 23P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Renesas Technology Corp
HD74HC221 RENESAS-HD74HC221 Datasheet
103Kb / 8P
Dual Monostable Multivibrators (with Schmitt Trigger Input)
logo
Texas Instruments
SN74221J TI-SN74221J Datasheet
963Kb / 27P
DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com