Electronic Components Datasheet Search
  English  ▼

X  

9C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9C
Description  SMD HC-49S 9C SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9C Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Specifications
Equivalent Series Resistance(ESR)
Features
Dimensions
Item / Type
9C
SMD HC-49S 9C SERIES
3rd Overtone
Units:mm
04
Remark : Specification subject to change without prior notice. Please confirm with our sales. http://www.txccorp.com
Surface mount type crystal units.
A great number of standard frequencies.
High frequency pullability and low equivalent series resistance.
Highly mass production capability.
The best choice of PC, STB, LCDM, and Cable Modem.
RoHS Compliant / Pb Free.
>
>
>
>
>
>
3.2 ~ 90 MHz
± 30 ppm, or specify
± 30 ppm (-20 ~ +70 ºC), or specify
- 40 ~ + 85 ºC
7 pF Max.
18 pF, or specify
± 3 ppm / year Max.
- 55 ~ + 125 ºC
Frequency Range
Frequency Tolerance (at 25 ºC)
Frequency Stability Over Operating Temperature Range
Operating Temperature Range
Shunt Capacitance (C0)
Drive Level
Load Capacitance
Aging (at 25 ºC)
Storage Temperature Range
27 ~ 30 MHz
30 ~ 50 MHz
50 ~ 90 MHz
100 Ω Max.
80 Ω Max.
60 Ω Max.
3.2 ~ 3.686 MHz
3.686 ~ 5 MHz
5 ~ 10 MHz
10 ~ 14 MHz
14 ~ 30 MHz
200 Ω Max.
150 Ω Max.
80 Ω Max
40 Ω Max.
30 Ω Max.
Q ua r t z C r ysta l s
Fundamental
1 ~ 500 μW (100 μW typical)


Similar Description - 9C

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C4107A GENERAL-C4107A Datasheet
74Kb / 1P
9C 22 7/30 TC PVC PVC COMMUNICATION CABLE
logo
List of Unclassifed Man...
9B ETC2-9B Datasheet
482Kb / 1P
DIP HC-49S 9B SERIES
AT-24.000MAGE-T ETC2-AT-24.000MAGE-T Datasheet
1Mb / 1P
Metal Can Type Crystals HC-49S SMD AT Series
logo
PETERMANN-TECHNIK
HC-49US-SMD PETERMANN-HC-49US-SMD_14 Datasheet
860Kb / 4P
SMD QUARTZ CRYSTAL SERIES HC-49/US-SMD
logo
Vectron International, ...
VXB1_VXB2 VECTRON-VXB1_VXB2 Datasheet
356Kb / 3P
HC-49/US SMD Crystal
logo
Cyntec Co., Ltd.
RL-3264-9C CYNTEC-RL-3264-9C Datasheet
1Mb / 8P
RL-3264-9C Series Current Sensor Resistor (Lead / Halogen Free)
logo
Wurth Elektronik GmbH &...
744312100 WURTH-744312100 Datasheet
150Kb / 4P
SMD POWER CHOKE WE-HC
2005-04-18 Version 6
744312025 WURTH-744312025 Datasheet
150Kb / 4P
SMD POWER CHOKE WE-HC
2005-04-18 Version 6
744318180 WURTH-744318180 Datasheet
155Kb / 4P
SMD POWER CHOKE WE-HC
05-04-18 Version 6
logo
List of Unclassifed Man...
1C10C0G100J050B ETC-1C10C0G100J050B Datasheet
483Kb / 4P
TYPES 1C - 9C Ceramic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com