Electronic Components Datasheet Search
  English  ▼

X  

GSIB2520 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GSIB2520
Description  Single-Phase Single In-Line Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSIB2520 Datasheet(HTML) 2 Page - Vishay Siliconix

  GSIB2520 Datasheet HTML 1Page - Vishay Siliconix GSIB2520 Datasheet HTML 2Page - Vishay Siliconix GSIB2520 Datasheet HTML 3Page - Vishay Siliconix GSIB2520 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GSIB2520, GSIB2540, GSIB2560, GSIB2580
www.vishay.com
Vishay General Semiconductor
Revision: 16-Aug-13
2
Document Number: 88646
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Unit case mounted on aluminum plate heatsink
(2) Units mounted on PCB without heatsink
(3) Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Derating Curve Output Rectified Current
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
Fig. 3 - Typical Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Characteristics Per Diode
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
GSIB2520
GSIB2540
GSIB2560
GSIB2580
UNIT
Typical thermal resistance
RJA (1)
22
°C/W
RJC (2)
1.5
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
GSIB2560-E3/45
7.0
45
20
Tube
0
15
20
75
50
25
0
100
125
150
10
5
25
30
Heatsink Mounting, T
C
P.C.B. Mounting, T
A
Temperature (°C)
0
50
100
150
200
300
350
400
1
100
10
Number of Cycles at 60 Hz
1.0 Cycle
0.6
1.0
1.2
1.4
0.8
0.01
0.1
10
1
100
Instantaneous Forward Voltage (V)
60
40
20
0
100
80
0.1
1
100
10
1000
Percent of Rated Peak Reverse Voltage (%)
T
A = 125 °C
T
A = 25 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com