Electronic Components Datasheet Search
  English  ▼

X  

1753300000 Datasheet(PDF) 3 Page - Weidmuller

Part # 1753300000
Description  PCB connection systems
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1753300000 Datasheet(HTML) 3 Page - Weidmuller

  1753300000 Datasheet HTML 1Page - Weidmuller 1753300000 Datasheet HTML 2Page - Weidmuller 1753300000 Datasheet HTML 3Page - Weidmuller 1753300000 Datasheet HTML 4Page - Weidmuller 1753300000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Product catalogue | PCB connection systems | PCB terminals | Clamping yoke connection | LP 5.00 / 5.08 | LP 5.00/90
- 3 -
DIN IEC rating data
Rated impulse withstand voltage for overvoltage
class/pollution severity II/2
4 kV
Rated impulse withstand voltage for overvoltage
class/pollution severity III/2
4 kV
Rated impulse withstand voltage for overvoltage
class/pollution severity III/3
4 kV
Short-time withstand current resistance
3 x 1s with 120 A
CSA rating data
Rated voltage (Use group D)
300 V
Rated current (Use group D)
10 A
AWG conductor (field wiring), min.
26
AWG conductor (field wiring), max.
12
UL 1059 rating data
Rated voltage (Use group D)
300 V
Rated current (Use group D)
10 A
AWG conductor, min.
26
AWG conductor, max.
12
Approvals
Approvals institutes
Downloads
CAD Library (P-CAD Format - Standard)
LP.lib
Classifications
ETIM 2.0
NK
ETIM 3.0
EC001284
eClass 4.1
NK
eClass 5.0
NK
eClass 5.1
NK
Similar products
Order No.
Part designation
Version
1594320000
LP5.00/2/90 3.2 OR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 6 mm², Pitch: 5.00 mm, No. of poles: 2, 90°,
Box
1724240000
LP5.00/2/90 3.2 GR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 6 mm², Pitch: 5.00 mm, No. of poles: 2, 90°,
Box
1594500000
LP5.00/2/90 4.5 OR
PCB terminal, Clamping yoke connection, Soldered connection,
Clamping range, max.: 6 mm², Pitch: 5.00 mm, No. of poles: 2, 90°,
Box



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com