Electronic Components Datasheet Search
  English  ▼

X  

SP723ABG Datasheet(PDF) 5 Page - Littelfuse

Part # SP723ABG
Description  5pF 8kV Diode Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP723ABG Datasheet(HTML) 5 Page - Littelfuse

  SP723ABG Datasheet HTML 1Page - Littelfuse SP723ABG Datasheet HTML 2Page - Littelfuse SP723ABG Datasheet HTML 3Page - Littelfuse SP723ABG Datasheet HTML 4Page - Littelfuse SP723ABG Datasheet HTML 5Page - Littelfuse SP723ABG Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
79
©2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/SPA for current information.
TVS Diode Arrays (SPA™Family of Products)
Revision: March 20, 2012
SP723 Lead-Free/Green Series
General Purpose ESD Protection - SP723 Series
Package Dimensions — Dual-In-Line Plastic Packages (PDIP)
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do
Critical Zone
TL to TP
Critical Zone
TL to TP
Reflow Condition
Pb – Free assembly
Pre Heat
- Temperature Min (T
s(min))
150°C
- Temperature Max (T
s(max))
200°C
- Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (Liquidus) Temp
(T
L) to peak
5°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
- Temperature (T
L) (Liquidus)
217°C
- Temperature (t
L)
60 – 150 seconds
Peak Temperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
5°C/second max
Time 25°C to peak Temperature (T
P)
8 minutes Max.
Do not exceed
260°C
Soldering Parameters
C
L
E
eA
C
eB
eC
-B-
E1
INDEX
1 2 3
N/2
N
AREA
SEATING
BASE
PLANE
PLANE
-C-
D1
B1
B
e
D
D1
A
A2
L
A1
-A-
0.010 (0.25)C
A
M
BS
Package
PDIP
Pins
8
JEDEC
MS-001
Millimeters
Inches
Notes
Min
Max
Min
Max
A
-
5.33
-
0.210
4
A1
0.39
-
0.015
-
4
A2
2.93
4.95
0.115
0.195
-
B
0.356
0.558
0.014
0.022
-
B1
1.15
1.77
0.045
0.070
8, 10
C
0.204
0.355
0.008
0.014
-
D
9.01
10.16
0.355
0.400
5
D1
0.13
-
0.005
-
5
E
7.62
8.25
0.300
0.325
6
E1
6.1
7.11
0.240
0.280
5
e
2.54 BSC
0.100 BSC
-
e
A
7.62 BSC
0.300 BSC
6
e
B
-
10.92
-
0.430
7
L
2.93
3.81
0.115
0.150
4
N
88
9
Notes:
1.
Controlling Dimensions: INCH. In case of conflict between English and Metric dimensions,
the inch dimensions control.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of Publication No. 95.
4. Dimensions A, A1 and L are measured with the package seated in JEDEC seating plane
gauge GS-3.
5. D, D1, and E1 dimensions do not include mold flash or protrusions. Mold flash or
protrusions shall not exceed 0.010 inch (0.25mm).
6. E and e
A
are measured with the leads unconstrained to be perpendicular to datum
-C- .
7.
e
B and eC are measured at the lead tips with the leads uncon-strained. eC must be zero or
greater.
8. B1 maximum dimensions do not include dambar protrusions. Dambar protrusions shall not
exceed 0.010 inch (0.25mm).
9. N is the maximum number of terminal positions.
10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3, E42.6 will have a B1
dimension of 0.030 - 0.045 inch (0.76 - 1.14mm).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com