Electronic Components Datasheet Search
  English  ▼

X  

ADS1202 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1202
Description  Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1202 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS1202 Datasheet HTML 12Page - Texas Instruments ADS1202 Datasheet HTML 13Page - Texas Instruments ADS1202 Datasheet HTML 14Page - Texas Instruments ADS1202 Datasheet HTML 15Page - Texas Instruments ADS1202 Datasheet HTML 16Page - Texas Instruments ADS1202 Datasheet HTML 17Page - Texas Instruments ADS1202 Datasheet HTML 18Page - Texas Instruments ADS1202 Datasheet HTML 19Page - Texas Instruments ADS1202 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
ADS1202
16
SBAS275B
www.ti.com
APPLICATIONS
Mode 0 operation in a typical application is shown in Figure
10. Measurement of the motor phase current is done via the
shunt resistor. For better performance, both signals are
filtered. R2 and C2 filter noise on the noninverting input
signal, R3 and C3 filter noise on the inverting input signal, and
C4 in combination with R2 and R3 filter the common-mode
input noise. In this configuration, the shunt resistor is con-
nected via three wires with the ADS1202.
The power supply is taken from the upper gate driver power
supply. A decoupling capacitor of 0.1
µF is recommended for
filtering the power supply. If better filtering is required, an
additional 1
µF to 10µF capacitor can be added.
The control lines M0 and M1 are both LOW while the part is
operating in mode 0. Two output signals, MCLK and MDAT,
are connected directly to the optocoupler. The optocoupler
can be connected to transfer a direct or inverse signal
because the output stage has the capacity to source and sink
the same current. The discharge resistor is not needed in
parallel with optocoupler diodes because the output driver
has the capacity to keep the LED diode out of the charge.
FIGURE 10. Application Diagram in Mode 0.
The DSP can be directly connected at the output of two
channels of the optocoupler, C28x or C24x. In this configu-
ration, the signals arriving at C28x or C24x are standard
delta-sigma modulator signals and are connected directly to
the SPICLK and SPISIMO pins. Being a delta-sigma con-
verter, there is no need to have word sync on the serial data,
so an SPI is ideal for connection. McBSP would work as well
in SPI mode.
When component reduction is necessary, the ADS1202 can
operate in mode 2, as shown in Figure 11. M1 is HIGH and
M0 is LOW. Only the noninverting input signal is filtered.
R2 and C2 filter noise on the input signal. The inverting input
is directly connected to the GND pin, which is simultaneously
connected to the shunt resistor.
The output signal from the ADS1202 is Manchester coded. In
this case, only one signal is transmitted. For that reason, one
optocoupler channel is used instead of two channels, as in
the previous example of Figure 10. Another advantage of this
configuration is that the DSP will use only one line per
channel instead of two. That permits the use of smaller DSP
packages in the application.
R
3
27
Ω
R
SENSE
R
2
27
Ω
D
1
5.1V
R
1
C
1
0.1
µF
ADS1202
C
2
0.1
µF
C
3
0.1
µF
C
4
10nF
R
4
R
5
M0
V
IN+
V
IN–
M1
V
DD
MCLK
MDAT
GND
HV+
HV–
Floating
Power Supply
Gated
Drive Circuit
SPICLK
C28x
or
C24x
Optocoupler
SPISIMO
Gated
Drive Circuit
Power
Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com