Electronic Components Datasheet Search
  English  ▼

X  

ADS1202IPWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1202IPWR
Description  Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1202IPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS1202IPWR Datasheet HTML 9Page - Texas Instruments ADS1202IPWR Datasheet HTML 10Page - Texas Instruments ADS1202IPWR Datasheet HTML 11Page - Texas Instruments ADS1202IPWR Datasheet HTML 12Page - Texas Instruments ADS1202IPWR Datasheet HTML 13Page - Texas Instruments ADS1202IPWR Datasheet HTML 14Page - Texas Instruments ADS1202IPWR Datasheet HTML 15Page - Texas Instruments ADS1202IPWR Datasheet HTML 16Page - Texas Instruments ADS1202IPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
ADS1202
13
SBAS275B
www.ti.com
The code generator receives the clock signal from MUX1 and
generates the delta-sigma modulator clock (CLK) divided as
half clock (CLK/2) and quarter clock (CLK/4). At the same
time, the continuous data stream (DATA) coming from the
delta-sigma modulator is elaborated by the Code Generator.
Twinned binary coding (also known as split phase or Manches-
ter coding) is implemented and then output from the code
generator to MUX3.
MUX3 selects the source of the output bit stream data,
MDAT. The control signal coming from the decoder controls
the input source of MDAT. Two signals are coming in to the
MUX3, one directly from the delta-sigma modulator and the
other from the code generator. The control signal from the
decoder can select two different output modes on the signal
MDAT: a bit stream from a delta-sigma modulator, or twinned
binary coding of the same signal.
The last control signal from the decoder controls MUX4.
MUX2 selects the input or output clock, the MCLK signal.
The control signal coming from the decoder controls the
direction of the clock. One signal entering MUX4 from MUX2
comes as a clock signal OCLK. Another signal leaves MUX4
and provides an input to MUX1 as an external clock, EXTCLK.
The control signal from the decoder can select two different
modes on MCLK, one as an output of the internal clock
signal and another as the input for the external clock signal.
As a function of two control signals (M0 and M1), the
decoder circuit, using five control signals, will set multiplex-
ers in order to obtain the desired mode of operation.
DIFFERENT MODES OF OPERATION
Figure 5 presents mode selectors (input signals M0 and M1)
that enter the flexible interface circuit and decoder that
decodes the input code, and select the desired mode of
operation. With two control lines it is possible to select four
different modes of operation mode 0, mode 1, mode 2, and
mode 3, which are shown in Table I.
MODE
DEFINITION
M1
MO
0
Internal Clock, Synchronous Data Output
LOW
LOW
1
Internal Clock, Synchronous Data Output,
LOW
HIGH
Half Output Clock Frequency
2
Internal Clock, Manchester Coded Data Output
HIGH
LOW
3
External Clock, Synchronous Data Output
HIGH
HIGH
TABLE I. Mode Definition and Description.
FIGURE 5. Flexible Interface Block Diagram.
Decoder
Interface Circuit
∆∑
Modulator
CLK/2
OCLK
EXTCLK
INTCLK
CLK/4
MUX3
MUX1
MUX2
MDAT
MUX4
AIN
MCLK
M0
M1
CLK
DATA
Code
Generator
RC
Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com