Electronic Components Datasheet Search
  English  ▼

X  

AMC7812SPAP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812SPAP
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812SPAP Datasheet(HTML) 15 Page - Texas Instruments

Back Button AMC7812SPAP Datasheet HTML 11Page - Texas Instruments AMC7812SPAP Datasheet HTML 12Page - Texas Instruments AMC7812SPAP Datasheet HTML 13Page - Texas Instruments AMC7812SPAP Datasheet HTML 14Page - Texas Instruments AMC7812SPAP Datasheet HTML 15Page - Texas Instruments AMC7812SPAP Datasheet HTML 16Page - Texas Instruments AMC7812SPAP Datasheet HTML 17Page - Texas Instruments AMC7812SPAP Datasheet HTML 18Page - Texas Instruments AMC7812SPAP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 92 page
background image
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
−40
−25
−10
5
20
35
50
65
80
95
110
DNL Max
DNL Min
TA (°C)
Gain = 5
VREF = 2.5V, Internal
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
−40
−25
−10
5
20
35
50
65
80
95
110
INL Max
INL Min
TA (°C)
Gain = 5
VREF = 2.5V, Internal
−40
−25
−10
5
20
35
50
65
80
95
110
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
DNL Max
DNL Min
TA (°C)
Gain = 2
VREF = 2.5V, Internal
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
−40
−25
−10
5
20
35
50
65
80
95
110
INL Max
INL Min
TA (°C)
Gain = 2
VREF = 2.5V, Internal
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
512
1024
1536
2048
2560
3072
3584
4096
Code
TA = +25°C
Gain = 5
VREF = 2.5V, Internal
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
512
1024
1536
2048
2560
3072
3584
4096
Code
TA = +25°C
Gain = 5
VREF = 2.5V, Internal
AMC7812
www.ti.com
SBAS513E – JANUARY 2011 – REVISED SEPTEMBER 2013
TYPICAL CHARACTERISTICS: DAC (continued)
At +25°C, unless otherwise noted.
DIFFERENTIAL LINEARITY ERROR vs CODE
LINEARITY ERROR vs CODE
Figure 12.
Figure 13.
DIFFERENTIAL LINEARITY ERROR vs TEMPERATURE
LINEARITY ERROR vs TEMPERATURE
Figure 14.
Figure 15.
DIFFERENTIAL LINEARITY ERROR vs TEMPERATURE
LINEARITY ERROR vs TEMPERATURE
Figure 16.
Figure 17.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com