Electronic Components Datasheet Search
  English  ▼

X  

AM3703CBPA Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703CBPA
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3703CBPA Datasheet(HTML) 90 Page - Texas Instruments

Back Button AM3703CBPA Datasheet HTML 86Page - Texas Instruments AM3703CBPA Datasheet HTML 87Page - Texas Instruments AM3703CBPA Datasheet HTML 88Page - Texas Instruments AM3703CBPA Datasheet HTML 89Page - Texas Instruments AM3703CBPA Datasheet HTML 90Page - Texas Instruments AM3703CBPA Datasheet HTML 91Page - Texas Instruments AM3703CBPA Datasheet HTML 92Page - Texas Instruments AM3703CBPA Datasheet HTML 93Page - Texas Instruments AM3703CBPA Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
Table 2-4. Multiplexing Characteristics (continued)
CBP
CBC
CUS
MODE 0
MODE 1
MODE 2
MODE 3
MODE 4
MODE 5
MODE 6
MODE
7
Bottom
Top
Bottom
Top
AG8
NA
AF9
NA
AC11
etk_d14
hsusb2_dat gpio_28
mm2_rxrcv
hw_dbg
a0
16
AH8
NA
AE9
NA
AD12
etk_d15
hsusb2_dat gpio_29
mm2_txse0
hw_dbg
a1
17
AC4, J4, H4,
NA
AC21, D15,
NA
F12, F13,
vdd_core
D8, AE9, D9,
G11, G18,
G12, G13,
D15, Y16,
H20, M7,
H12, H13,
AE18, Y18,
M17, R20, T7,
J17, J18,
W18, K18,
Y8, Y12
K17, K18,
J18, AE19,
K19, L14,
Y19, U19,
L15, M14,
T19, N19,
M15, R17,
M19, J19,
R18, R19,
Y20, W20,
T17, T18,
V20, U20,
T19, T20
P20, N20,
K20, J20,
D22, D23,
AE24, M25,
L25, E25
Y9, W9, T9,
NA
D13, G9,
NA
F10, G9, G10, vdd_mpu_iva
R9, M9, L9,
G12, H7, K11,
H9, H10, J9,
J9, Y10, U10,
L9, M9, M10,
J10, L11, L12,
T10, R10,
N7, N8, P10,
M6, M7, M8,
N10, M10,
U7, U11, U13,
M12, N6, N7,
L10, J10,
V7, V11, W9,
N8, R6, R7,
Y11, W11,
Y9, Y11
R8, T7, T8,
K11, J11,
U12, U13,
W12, K13,
V12, V13,
Y14, K14,
W12, W13
J14, Y15,
W15, J15
U4
NA
D6
NA
N21
cap_vdd_bb_
mpu_iva
AA15
NA
K14
NA
Y12
cap_vddu_wk
up_logic
K15
NA
K13
NA
G18
vdda_dplls_dll
W16
NA
U12
NA
AA12
vdds_sram
AD3, AD4,
NA
A18, AC7,
A3,A15,B5,F2 M17, M18,
vdds
W4, AF8,
AC15, AC18,
,F21,L20,W21 M19, N17,
AE8, AF16,
AC24, AD20,
N18, N19,
AE16, AF23,
AE10, C11,
U10, V9, V10,
AE23, F25,
D9, E24, G4,
W9, W10, Y9
F26, AG27
J15, J18, L7,
L24, M4, T4,
T24, W24,
Y4, AB24
U1, J1, F1,
AC5, P1, H1, NA
NA
E16, F15,
vdds_mem
J2, F2, R4,
F23, E1, C23,
F16, G15,
B5, A5, AH6,
A4, A7, A10,
G16, H15, J6,
B8, A8, B12,
A15, A18
J7, J8, K6,
A12, D16,
K7, K8
C16, B18,
A18, B22,
A22, G28,
C28
AA16
NA
U14
NA
U17
vdda_dpll_per
AA14
NA
W14
NA
AA13
vdda_wkup_b
g_bb
90
TERMINAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com