Electronic Components Datasheet Search
  English  ▼

X  

AM3703CBPD100 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703CBPD100
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3703CBPD100 Datasheet(HTML) 95 Page - Texas Instruments

Back Button AM3703CBPD100 Datasheet HTML 91Page - Texas Instruments AM3703CBPD100 Datasheet HTML 92Page - Texas Instruments AM3703CBPD100 Datasheet HTML 93Page - Texas Instruments AM3703CBPD100 Datasheet HTML 94Page - Texas Instruments AM3703CBPD100 Datasheet HTML 95Page - Texas Instruments AM3703CBPD100 Datasheet HTML 96Page - Texas Instruments AM3703CBPD100 Datasheet HTML 97Page - Texas Instruments AM3703CBPD100 Datasheet HTML 98Page - Texas Instruments AM3703CBPD100 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
Table 2-6. External Memory Interfaces
– SDRC Signals Description(1)
SIGNAL
DESCRIPTION [2]
TYPE [3]
BALL
BALL TOP
BALL BOTTOM
BALL TOP
BALL BOTTOM
NAME [1]
BOTTOM
(CBP Pkg.)
(CBC Pkg.) [4](2)
(CBC Pkg.) [5]
(CUS Pkg.) [4]
(CBP Pkg.)
[5]
[4](2)
sdrc_d0
SDRAM data bit 0
IO
NA
J2
NA
D1
D7
sdrc_d1
SDRAM data bit 1
IO
NA
J1
NA
G1
C5
sdrc_d2
SDRAM data bit 2
IO
NA
G2
NA
G2
C6
sdrc_d3
SDRAM data bit 3
IO
NA
G1
NA
E1
B5
sdrc_d4
SDRAM data bit 4
IO
NA
F2
NA
D2
D9
sdrc_d5
SDRAM data bit 5
IO
NA
F1
NA
E2
D10
sdrc_d6
SDRAM data bit 6
IO
NA
D2
NA
B3
C7
sdrc_d7
SDRAM data bit 7
IO
NA
D1
NA
B4
B7
sdrc_d8
SDRAM data bit 8
IO
NA
B13
NA
A10
B11
sdrc_d9
SDRAM data bit 9
IO
NA
A13
NA
B11
C12
sdrc_d10
SDRAM data bit 10
IO
NA
B14
NA
A11
B12
sdrc_d11
SDRAM data bit 11
IO
NA
A14
NA
B12
D13
sdrc_d12
SDRAM data bit 12
IO
NA
B16
NA
A16
C13
sdrc_d13
SDRAM data bit 13
IO
NA
A16
NA
A17
B14
sdrc_d14
SDRAM data bit 14
IO
NA
B19
NA
B17
A14
sdrc_d15
SDRAM data bit 15
IO
NA
A19
NA
B18
B15
sdrc_d16
SDRAM data bit 16
IO
NA
B3
NA
B7
C9
sdrc_d17
SDRAM data bit 17
IO
NA
A3
NA
A5
E12
sdrc_d18
SDRAM data bit 18
IO
NA
B5
NA
B6
B8
sdrc_d19
SDRAM data bit 19
IO
NA
A5
NA
A6
B9
sdrc_d20
SDRAM data bit 20
IO
NA
B8
NA
A8
C10
sdrc_d21
SDRAM data bit 21
IO
NA
A8
NA
B9
B10
sdrc_d22
SDRAM data bit 22
IO
NA
B9
NA
A9
D12
sdrc_d23
SDRAM data bit 23
IO
NA
A9
NA
B10
E13
sdrc_d24
SDRAM data bit 24
IO
NA
B21
NA
C21
E15
sdrc_d25
SDRAM data bit 25
IO
NA
A21
NA
D20
D15
sdrc_d26
SDRAM data bit 26
IO
NA
D22
NA
B19
C15
sdrc_d27
SDRAM data bit 27
IO
NA
D23
NA
C20
B16
sdrc_d28
SDRAM data bit 28
IO
NA
E22
NA
D21
C16
sdrc_d29
SDRAM data bit 29
IO
NA
E23
NA
E20
D16
sdrc_d30
SDRAM data bit 30
IO
NA
G22
NA
E21
B17
sdrc_d31
SDRAM data bit 31
IO
NA
G23
NA
G21
B18
sdrc_ba0
SDRAM bank select 0
O
NA
AB21
NA
AA18
C18
sdrc_ba1
SDRAM bank select 1
O
NA
AC21
NA
V20
D18
sdrc_a0
SDRAM address bit 0
O
NA
N22
NA
G20
A4
sdrc_a1
SDRAM address bit 1
O
NA
N23
NA
K20
B4
sdrc_a2
SDRAM address bit 2
O
NA
P22
NA
J20
D6
sdrc_a3
SDRAM address bit 3
O
NA
P23
NA
J21
B3
sdrc_a4
SDRAM address bit 4
O
NA
R22
NA
U21
B2
sdrc_a5
SDRAM address bit 5
O
NA
R23
NA
R20
C3
sdrc_a6
SDRAM address bit 6
O
NA
T22
NA
M21
E3
sdrc_a7
SDRAM address bit 7
O
NA
T23
NA
M20
F6
sdrc_a8
SDRAM address bit 8
O
NA
U22
NA
N20
E10
sdrc_a9
SDRAM address bit 9
O
NA
U23
NA
K21
E9
sdrc_a10
SDRAM address bit 10
O
NA
V22
NA
Y16
E7
sdrc_a11
SDRAM address bit 11
O
NA
V23
NA
N21
G6
sdrc_a12
SDRAM address bit 12
O
NA
W22
NA
R21
G7
sdrc_a13
SDRAM address bit 13
O
NA
W23
NA
AA15
F7
sdrc_a14
SDRAM address bit 14
O
NA
Y22
NA
Y12
F9
Copyright
© 2010–2011, Texas Instruments Incorporated
TERMINAL DESCRIPTION
95
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com